Electronic Components Datasheet Search
  English  ▼

X  

MB91F128 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F128
Description  32-Bit Microcontroller CMOS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F128 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F128 Datasheet HTML 9Page - fujitsu semiconductor MB91F128 Datasheet HTML 10Page - fujitsu semiconductor MB91F128 Datasheet HTML 11Page - fujitsu semiconductor MB91F128 Datasheet HTML 12Page - fujitsu semiconductor MB91F128 Datasheet HTML 13Page - fujitsu semiconductor MB91F128 Datasheet HTML 14Page - fujitsu semiconductor MB91F128 Datasheet HTML 15Page - fujitsu semiconductor MB91F128 Datasheet HTML 16Page - fujitsu semiconductor MB91F128 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
MB91F127/F128
13
s CPU CORE MEMORY SPACE
• MB91F127
0000 0000H
0000 0400H
0000 0800H
0000 1000H
0000 4000H
0001 0000H
FFFF FFFFH
0001 0000H
0008 0000H
0008 0800H
0010 0000H
FFFF FFFFH
I/O
I/O
I/O
I/O
I/O
I/O
FLASH ROM
256 KB
FLASH ROM
256 KB
000C 0000H
External ROM
External bus mode
Internal ROM
External bus mode
Single-chip mode
Access inhibit
Internal RAM
12 KB
Access inhibit
External area
Access inhibit
Internal RAM
12 KB
Access inhibit
Access inhibit
Internal RAM
12 KB
Access inhibit
External area
Internal RAM
2 KB
Internal RAM
2 KB
Access inhibit
Direct
addressing
areas
I/O map
External area
Access inhibit
Note : External area is not accessible in single-chip mode. When accessing to external areas, select the internal
ROM external bus mode in mode register.
Direct addressing areas
The areas described below are used for I/O processes. The areas, referred to as “direct addressing areas,”
allow specifying an operand address directly by an instruction. The direct addressing areas varies as the
following, depending on size of the data to be accessed.
• Byte-data access : 0 to 0FFH
• Half-word data access : 0 to 1FFH
• Word-data access : 0 to 3FFH
Access inhibit
Access inhibit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com