Electronic Components Datasheet Search
  English  ▼

X  

MB91F128 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB91F128
Description  32-Bit Microcontroller CMOS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F128 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB91F128 Datasheet HTML 35Page - fujitsu semiconductor MB91F128 Datasheet HTML 36Page - fujitsu semiconductor MB91F128 Datasheet HTML 37Page - fujitsu semiconductor MB91F128 Datasheet HTML 38Page - fujitsu semiconductor MB91F128 Datasheet HTML 39Page - fujitsu semiconductor MB91F128 Datasheet HTML 40Page - fujitsu semiconductor MB91F128 Datasheet HTML 41Page - fujitsu semiconductor MB91F128 Datasheet HTML 42Page - fujitsu semiconductor MB91F128 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
MB91F127/F128
39
(9) UART Timing
(VCC
= 3.3 V ± 0.3 V, VSS = 0 V, TA = −30 °C to +70 °C)
* : tCYCP is a cycle time of peripheral system clock.
Internal shift clock mode
External shift clock mode
Parameter
Symbol Pin name
Condition
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
Internal shift
clock mode
8 tCYCP*
ns
SC
↓ → SO delay time
tSLOV
−10
+50
ns
Valid SI
→ SC↑
tIVSH
50
ns
SC
↑ → Valid SI hold time
tSHIX
50
ns
Serial clock “H” pulse width
tSHSL
External shift
clock mode
4 tCYCP*
− 10
ns
Serial clock “L” pulse width
tSLSH
4 tCYCP*
− 10
ns
SC
↓ → SO delay time
tSLOV
050
ns
Valid SI
→ SC↑
tIVSH
50
ns
SC
↑ → Valid SI hold time
tSHIX
50
ns
Serial busy time
tBUSY

6 tCYCP*ns
CS
↓ → SC, SO delay time
tCLZO

50
ns
CS
↓ → SC input mask time
tCLSL

3 tCYCP*ns
SC
↑ → SC, SO Hi-z time
tCHOZ

50
ns
SC
SO
SI
tSHIX
tIVSH
tSLOV
tSCYC
SC
SO
SI
CS
tCHOZ
tBUSY
tCLSL
tIVSH
tSHIX
tSLOV
tSLSH
tCLZO
tSHSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com