Electronic Components Datasheet Search
  English  ▼

X  

MB91F128 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB91F128
Description  32-Bit Microcontroller CMOS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F128 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB91F128 Datasheet HTML 1Page - fujitsu semiconductor MB91F128 Datasheet HTML 2Page - fujitsu semiconductor MB91F128 Datasheet HTML 3Page - fujitsu semiconductor MB91F128 Datasheet HTML 4Page - fujitsu semiconductor MB91F128 Datasheet HTML 5Page - fujitsu semiconductor MB91F128 Datasheet HTML 6Page - fujitsu semiconductor MB91F128 Datasheet HTML 7Page - fujitsu semiconductor MB91F128 Datasheet HTML 8Page - fujitsu semiconductor MB91F128 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
MB91F127/F128
3
(Continued)
Other interval timers
• 16-bit timer : 3 channels (U-Timer)
• PPG timer : 4 channels
• 16-bit OCU : 4 channels, ICU : 4 channels, Free-run timer : 1 channel
• Watchdog timer: 1 channel
Flash memory 510 KB
• 510 KB FLASH ROM: Read/Write/Erase is allowed with a same power
Built- in RAM 14 KB
• D-bus RAM 12 KB, C-bus RAM 2 KB
Bit search module
• Position of a first bit that changes between “1” and “0” is searched in one cycle, within an MSB of one word.
Interrupt controller
• External interrupt input : Normal interrupt
×6 (INT0 to INT5)
• Internal interrupt factors : UART, DMAC, A/D, Reload timer, UTIMER, delay interrupt, PPG, ICU, and OCU
• Priority levels are programmable (16 levels)
Reset factors
• Power-on reset/watchdog timer/software reset/external reset
Low power consumption mode
• Sleep/stop mode
Clock control
• Built-in PLL circuit, selectable among 1-multiplication, and 2-multiplication
• Gearing function : Operation clock frequencies are freely and independently specifiable for CPU and
peripherals.
Gear clocks are selectable among 1/1, 1/2, 1/4, and 1/8 (or among 1/2, 1/4, 1/8, and 1/16).
Upper limit of peripheral operations is 25 MHz.
Others
• Package : LQFP-100
• CMOS technology : 0.35
µm
• Power supply voltage : 3.3 V
±0.3 V
s SERIES CONFIGURATION
Model name
MB91F127
MB91F128
MB91FV129
Outline
Quantity production
Quantity production
Evaluation product
FLASH memory
256 KB
510 KB
510 KB
D-bus RAM
12 KB
12 KB
16 KB
C-bus RAM
2 KB
2 KB
2 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com