Electronic Components Datasheet Search
  English  ▼

X  

MB91F128 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91F128
Description  32-Bit Microcontroller CMOS
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F128 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91F128 Datasheet HTML 17Page - fujitsu semiconductor MB91F128 Datasheet HTML 18Page - fujitsu semiconductor MB91F128 Datasheet HTML 19Page - fujitsu semiconductor MB91F128 Datasheet HTML 20Page - fujitsu semiconductor MB91F128 Datasheet HTML 21Page - fujitsu semiconductor MB91F128 Datasheet HTML 22Page - fujitsu semiconductor MB91F128 Datasheet HTML 23Page - fujitsu semiconductor MB91F128 Datasheet HTML 24Page - fujitsu semiconductor MB91F128 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
MB91F127/F128
21
(Continued)
Note : Do not issue RMW instructions to a register with write-only bit.
Data in “Reserved” or “-” area is indefinite.
Address
Register
Internal resource
++++0
++++1
++++2
++++3
000600H
DDR3 [W]
00000000
DDR2 [W]
00000000

Data direction reg-
ister
000604H
DDR7 [W]
- - - - - - - 0
DDR6 [W]
00000000
DDR5 [W]
00000000
DDR4 [W]
00000000
000608H
DDRA [W]
-0000000
DDR8 [W]
- - 000000
00060CH
ASR1 [W]
00000000 00000001
AMR1 [W]
00000000 00000000
External bus inter-
face
000610H
ASR2 [W]
00000000 00000010
AMR2 [W]
00000000 00000000
000614H
ASR3 [W]
00000000 00000011
AMR3 [W]
00000000 00000000
000618H
ASR4 [W]
00000000 00000100
AMR4 [W]
00000000 00000000
00061CH
ASR5 [W]
00000000 00000101
AMR5 [W]
00000000 00000000
000620H
AMD0 [R/W]
- - - XX111
AMD1 [R/W]
0 - - 00000
AMD32[R/W]
00000000
AMD4 [R/W]
0 - - 00000
000624H
AMD5[R/W]
0 - - 00000
DSCR [W]
00000000
RFCR [R/W]
--XXXXXX 00 - - - 000
000628H
EPCR0 [W]
- - 1 - 1100 -1111111
EPCR1 [W]
- - - - - - - 1 11111111
00062CH
DMCR4 [R/W]
00000000 0000000-
DMCR5 [R/W]
00000000 0000000-
000630H
to
0007BCH
Reserved
0007C0H
FSTR [R/W]
000XXXX0

Flash memory
0007C4H
to
0007F8H
Reserved
0007FCH
LER [W]
- - - - - 000
MODR [W]
XXXXXXXX
Little endian regis-
ter mode register
RMW instructions (RMW : Read modify write)
AND Rj, @Ri
OR Rj, @Ri
EOR Rj, @Ri
ANDH Rj, @Ri
ORH Rj, @Ri
EORH Rj, @Ri
ANDB Rj, @Ri
ORB Rj, @Ri
EORB Rj, @Ri
BANDL #u4, @Ri BORL #u4, @Ri
BEORL #u4, @Ri
BANDH #u4, @Ri BORH #u4, @Ri
BEORH #u4, @Ri



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com