Electronic Components Datasheet Search
  English  ▼

X  

MF601F Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MF601F
Description  Mirco Filter For ADSL CPE Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF601F Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MF601F Datasheet HTML 1Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 2Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Product Specification
MF601F
Data sheet subject to change without notice
RDPS-MF008(R1)07/03/2002
SHEET 5 OF 10
4.2 : Electrical Specification :
The low pass filter shall satisfy the following parametric limits with a complex impedance ZL
shown in this table across the Line side of this device .The following requirement is
specified for a single splitter and with three added parallel filters
Electrical requirements
Splitter parameter
Range
values
Frequency range
Splitter bandwith
DC to 3.4KHz
Nominal voice band
0.3KHz to 3.4KHz
Billing tone
12KHz
±80Hz
Ringing frequency
15.3Hz to 68Hz
ADSL band
30KHz to 1104KHz
Line Impedance ZL
270ohm + (750ohm
|| 150nF)
CO impedance ZTc
270ohm + (750ohm
|| 150nF)
RT impedance ZTr
270ohm + (750ohm
|| 150nF)
Modem impedance
30KHz< f< 1104KHz
100 ohm
Operation voltage voice band
Nominal signal
21mVpp to 5.4 Vpp
Billing tone
10Vpp to 30.2Vpp
Ringing signal
40Vrms to 150Vrms(113Vpp
to 424 Vpp)
DC voltage
0V to -60V ANSI 6.98
Max. AC voltage
150Vrms with -105VDC offset
Max. differential
320V
Current voice band
Loop current
<100mA
Transient current(on/off hook)
<150mA
DC Resistance
DC Resistance
<=15.0 ohm
Isolation resistance tip/ring
>5 Mohm
Voice –band characteristic
Insertion loss single filter
1004Hz
<1.0dB
Attenuation relative to 1004Hz
200Hz<f<4KHz
<
±1.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com