Electronic Components Datasheet Search
  English  ▼

X  

MF601F Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MF601F
Description  Mirco Filter For ADSL CPE Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF601F Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MF601F Datasheet HTML 2Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 9Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Product Specification
MF601F
Data sheet subject to change without notice
RDPS-MF008(R1)07/03/2002
SHEET 6 OF 10
Electrical requirements
Splitter parameter
Range
values
Insertion loss with three added
parallel filters
1004Hz
<2.0dB
Attenuation relative to 1004Hz
200Hz<f<4KHz
<
±1.0 dB
Insertion loss with two added
parallel filters
200Hz<f<4KHz
<2.0dB
Delay distortion
200Hz<f<4KHz
<150 usec
Return loss single filter
200 Hz <f<500Hz
>=14.0dB
500Hz<f<2KHz
>=18.0dB
2KHz<f<3.4KHz
>=14.0dB
Return loss with three added
parallel filters
200Hz<f<500Hz
>=18.0dB
500Hz<f<2KHz
>=11.0dB
2KHz<f<3.4KHz
>=8.0dB
Return loss with two added
parallel filters
200Hz<f<500Hz
>=18.0dB
500Hz<f<2KHz
>=14.0dB
2KHz<f<3.4KHz
>=11.0dB
Isolation voltage
>2000Vrms for 1 minute
ADSL band characteristic
Stop band attenuation
25KHz<f<50KHz
>15 dB
50KHz<f<1MHz
>25 dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com