Electronic Components Datasheet Search
  English  ▼

X  

MF601F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MF601F
Description  Mirco Filter For ADSL CPE Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF601F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MF601F Datasheet HTML 2Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 9Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Product Specification
MF601F
Data sheet subject to change without notice
RDPS-MF008(R1)07/03/2002
SHEET 8 OF 10
4.4.2 : Return loss :
Return loss measure the amount of energy that is lost due to reflection which resulted
from impedance mismatching at the interface. Return loss is essentially defined as the
ratio of the power incident upon a given transmission system to the power reflected
caused by impedance mismatch with respect to reference impedance at the interface
between source and device.Return loss figure are a function of the impedance of the
circuit involved and are therefore frequency dependent.
These impedance must be closely maintained in order to reduce the possibility of
undesirable reflection and echoes which in long distance circuit the telephone user or
destroy the data being sent.To perform the return loss test ,open ,short,load calibration
must be done prior measurement while the LCZ impedance Analyzer being selected in
impedance mode. Return loss is general expressed in decibels. General Return loss
equation as below: Return loss = 20 log
Z
L + ZM / ZL - ZMdB
Where Z
L = the reference impedance
Z
M = the measured impedance
The test setup is shown in drawing below:
ZL
LPF
Equipment
ZL
Phone
Line
Load#1 LPF
Load#4 LPF
Remote POTS Splitter
Return loss reference
impedance
Test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com