Electronic Components Datasheet Search
  English  ▼

X  

MF601F Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MF601F
Description  Mirco Filter For ADSL CPE Side
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MF601F Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MF601F Datasheet HTML 2Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 3Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 4Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 5Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 6Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 7Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 8Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 9Page - List of Unclassifed Manufacturers MF601F Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Product Specification
MF601F
Data sheet subject to change without notice
RDPS-MF008(R1)07/03/2002
SHEET 7 OF 10
4.3 : DC characteristic :
All requirement of this specification can be met in the presence of all POTS loop currents
from 0mA to 100mA. This in line filter can pass POTS tip-to-ring dc voltages of 0V to 105V
and ringing signals of 40V to 150Vrms at any frequency from15.3Hz to 68Hz with a dc
component in the range from 0V to 105V.
The DC resistance from tip-to-ring at the line port interface with the phone interface shorted,
shall be less than or equal to 15 ohms for one splitter.The DC resistance from tip-to-ground
and from ring-to-ground at the POTS interface with the U-R interface open shall be greater
than or equal to 5 Megohms. The ground point shall be local building or green wire ground.
As an objective , the dc resistance should exceed 10M
Ω.
4.4 : Test method :
4.4.1 : Insertion loss :
The insertion loss of a device connected into a given transmission system is defined as
the ratio,expressed in dB, of the load power available(before and after insertion ) delivered
to the output network beyond the point of insertion at a given frequency.In general , the
insertion loss is defined as the ratio, expressed in dB of the power delivered to a load with
the circuit in place and the power delivered to a load without the circuit in place.The added
insertion loss shall be measured using the test up in figure 3. For measuring POTS band
insertion loss for single filter module also a single filter wit four added parallel load
filters.General Insertion loss equation can be expressed as following
Insertion loss = 20 log
V2 / V1 dB where
V1 = the measured voltage value of load without LPF in circuit.
V2 = the measured voltage value of load with LPF in circuit.
The test setup is shown in drawing below. :
ZL
LPF
Equipment
ZL
Phone
Line
Load#1 LPF
Load#4 LPF
Remote POTS Splitter
ZL is normal Termination
in test set
Test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com