Electronic Components Datasheet Search
  English  ▼

X  

AD7482 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7482
Description  3 MSPS, 12-Bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 1 Page - Analog Devices

  AD7482 Datasheet HTML 1Page - Analog Devices AD7482 Datasheet HTML 2Page - Analog Devices AD7482 Datasheet HTML 3Page - Analog Devices AD7482 Datasheet HTML 4Page - Analog Devices AD7482 Datasheet HTML 5Page - Analog Devices AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
3 MSPS, 12-Bit SAR ADC
AD7482
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 3 MSPS
Wide input bandwidth: 40 MHz
No pipeline delays with SAR ADC
Excellent dc accuracy performance
2 parallel interface modes
Low power: 90 mW (full power) and 2.5 mW (nap mode)
Standby mode: 2 µA maximum
Single 5 V supply operation
Internal 2.5 V reference
Full-scale overrange mode (using 13th bit)
System offset removal via user access offset register
Nominal 0 V to 2.5 V input with shifted range capability
14-bit pin compatible upgrade AD7484 available
FUNCTIONAL BLOCK DIAGRAM
2.5V
REFERENCE
NAP
MODE2
BUF
T/H
AVDD AGND CBIAS DVDD
DGND
REFSEL
REFOUT
REFIN
VIN
12-BIT
ALGORITHMIC
SAR
MODE1
CLIP
STBY
RESET
CONVST
D12
D11
D10
D9
D8
D7
D6
CONTROL
LOGIC AND I/O
REGISTERS
D5
AD7482
VDRIVE
Figure 1.
GENERAL DESCRIPTION
The AD7482 is a 12-bit, high speed, low power, successive
approximation ADC. The part features a parallel interface with
throughput rates up to 3 MSPS. The part contains a low noise,
wide bandwidth track-and-hold that can handle input frequencies
in excess of 40 MHz.
The conversion process is a proprietary algorithmic successive
approximation technique that results in no pipeline delays. The
input signal is sampled, and a conversion is initiated on the falling
edge of the CONVST
The part uses advanced design techniques to achieve very low
power dissipation at high throughput rates. Power consumption
in the normal mode of operation is 90 mW. There are two power
saving modes: a nap mode, which keeps the reference circuitry
alive for a quick power-up while consuming 2.5 mW, and a
standby mode that reduces power consumption to a mere 10 μW.
The AD7482 features an on-board 2.5 V reference but can also
accommodate an externally provided 2.5 V reference source.
The nominal analog input range is 0 V to 2.5 V, but an offset
shift capability allows this nominal range to be offset by ±200 mV.
This allows the user considerable flexibility in setting the bottom
end reference point of the signal range, a useful feature when
using single-supply op amps.
The AD7482 also provides an 8% overrange capability via a
13th bit. Therefore, if the analog input range strays outside the
nominal by up to 8%, the user can still accurately resolve the
signal by using the 13th bit.
The AD7482 is powered by a 4.75 V to 5.25 V supply. The part
also provides a VDRIVE pin that allows the user to set the voltage
levels for the digital interface lines. The range for this VDRIVE pin
is 2.7 V to 5.25 V. The part is housed in a 48-lead LQFP package
and is specified over a −40°C to +85°C temperature range.
signal. The conversion process is controlled
via an internally trimmed oscillator. Interfacing is via standard
parallel signal lines, making the part directly compatible with
microcontrollers and DSPs.
The AD7482 provides excellent ac and dc performance specifica-
tions. Factory trimming ensures high dc accuracy, resulting in
very low INL, offset, and gain errors.


Similar Part No. - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
AD7482 AD-AD7482 Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7482AST AD-AD7482AST Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
AD7482ASTZ AD-AD7482ASTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7482BST AD-AD7482BST Datasheet
1Mb / 16P
3MSPS, 12-Bit SAR ADC
REV.0
More results

Similar Description - AD7482

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7482CB AD-EVAL-AD7482CB Datasheet
928Kb / 20P
Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
3 MSPS, 12-Bit SAR ADC
REV. B
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
AD7484BSTZ AD-AD7484BSTZ Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
REV. C
EVAL-AD7482CB AD-EVAL-AD7482CB_15 Datasheet
933Kb / 20P
Evaluation Board for 3 MSPS, 12-Bit SAR ADC
REV. 0
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
3 MSPS, 12-Bit SAR ADC
Rev. B
AD7484 AD-AD7484_15 Datasheet
548Kb / 20P
3 MSPS, 14-Bit SAR ADC
Rev. C
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
AD7484 AD-AD7484_17 Datasheet
593Kb / 21P
3 MSPS, 14-Bit SAR ADC
12/09-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com