Electronic Components Datasheet Search
  English  ▼

X  

AD7482 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7482
Description  3 MSPS, 12-Bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7482 Datasheet HTML 6Page - Analog Devices AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices AD7482 Datasheet HTML 10Page - Analog Devices AD7482 Datasheet HTML 11Page - Analog Devices AD7482 Datasheet HTML 12Page - Analog Devices AD7482 Datasheet HTML 13Page - Analog Devices AD7482 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7482
Rev. B | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (kHz)
0
0
200
400
600
800
1400
–20
–40
–80
–100
–120
–60
1000
1200
fIN = 10.7kHz
SNR = 72.97dB
SNR + D = 72.94dB
THD = –91.5dB
Figure 3. 64k FFT Plot With 10 kHz Input Tone
FREQUENCY (kHz)
0
0
200
400
600
800
1400
–20
–40
–80
–100
–120
–60
1000
1200
fIN = 1.013MHz
SNR = 72.58dB
SNR + D = 72.57dB
THD = –94.0dB
Figure 4. 64k FFT Plot With 1 MHz Input Tone
ADC (Code)
0.5
0
1024
2048
4096
0.4
0.1
–0.3
–0.4
–0.5
–0.2
3072
0.3
0
0.2
–0.1
Figure 5. Typical DNL
ADC (Code)
0.5
0
1024
2048
4096
0.4
0.1
–0.3
–0.4
–0.5
–0.2
3072
0.3
0
0.2
–0.1
Figure 6. Typical INL
INPUT FREQUENCY (kHz)
80
65
10
10000
100
1000
70
75
Figure 7. SINAD vs. Input Tone (AD8021 Input Circuit)
INPUT FREQUENCY (kHz)
–40
100
1000
–70
–90
–100
–60
10000
–50
–80
100
Ω
10
Ω
0
Ω
51
Ω
200
Ω
Figure 8. THD vs. Input Tone for Different Input Resistances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com