Electronic Components Datasheet Search
  English  ▼

X  

AD7482 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7482
Description  3 MSPS, 12-Bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7482 Datasheet HTML 13Page - Analog Devices AD7482 Datasheet HTML 14Page - Analog Devices AD7482 Datasheet HTML 15Page - Analog Devices AD7482 Datasheet HTML 16Page - Analog Devices AD7482 Datasheet HTML 17Page - Analog Devices AD7482 Datasheet HTML 18Page - Analog Devices AD7482 Datasheet HTML 19Page - Analog Devices AD7482 Datasheet HTML 20Page - Analog Devices AD7482 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD7482
Rev. B | Page 17 of 20
BOARD LAYOUT AND GROUNDING
For optimum performance from the AD7482, it is recommended
that a PCB with a minimum of three layers be used. One of
these layers, preferably the middle layer, should be as complete a
ground plane as possible to give the best shielding. The board
should be designed in such a way that the analog and digital
circuitry is separated and confined to certain areas of the board.
This practice, along with not running digital and analog lines close
together, helps to avoid coupling digital noise onto analog lines.
The power supply lines to the AD7482 should be approximately
3 mm wide to provide low impedance paths and reduce the effects
of glitches on the power supply lines. It is vital that good decoupling
also be present. A combination of ferrites and decoupling capa-
citors should be used as shown in Figure 23. The decoupling
capacitors are to be as close to the supply pins as possible. This
is made easier by the use of multilayer boards. The signal traces
from the AD7482 pins can be run on the top layer, while the
decoupling capacitors and ferrites can be mounted on the bottom
layer where the power traces exist. The ground plane between
the top and bottom planes provides excellent shielding.
Figure 24 to Figure 28 show a sample layout of the board area
immediately surrounding the AD7482. Pin 1 is the bottom left
corner of the device. The black area in each figure indicates the
ground plane present on the middle layer Figure 24 shows the
top layer where the AD7482 is mounted with vias to the bottom
routing layer highlighted. Figure 25 shows the bottom layer
silkscreen where the decoupling components are soldered
directly beneath the device. Figure 26 shows the top and bottom
routing layers overlaid Figure 27 shows the bottom layer where
the power routing is with the same vias highlighted. Figure 28
shows the silkscreen overlaid on the solder pads for the decoupling
components, which are C1 to C6: 100 nF, C7 to C8: 470 nF, C9:
1 nF, and L1 to L4: Meggit-Sigma Chip Ferrite Beads
(BMB2A0600RS2).
Figure 24. Top Layer Routing
Figure 25. Bottom Layer Silkscreen
Figure 26. Top and Bottom Routing Layers
Figure 27. Bottom Layer Routing
Figure 28. Silkscreen and Bottom Layer Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com