Electronic Components Datasheet Search
  English  ▼

X  

AD7482 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7482
Description  3 MSPS, 12-Bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7482 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7482 Datasheet HTML 7Page - Analog Devices AD7482 Datasheet HTML 8Page - Analog Devices AD7482 Datasheet HTML 9Page - Analog Devices AD7482 Datasheet HTML 10Page - Analog Devices AD7482 Datasheet HTML 11Page - Analog Devices AD7482 Datasheet HTML 12Page - Analog Devices AD7482 Datasheet HTML 13Page - Analog Devices AD7482 Datasheet HTML 14Page - Analog Devices AD7482 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD7482
Rev. B | Page 10 of 20
FREQUENCY (kHz)
0
10
100
–30
–50
–60
–20
1000
–10
–40
–70
–80
100mV p-p SINE WAVE ON SUPPLY PINS
Figure 9. PSRR Without Decoupling
TEMPERATURE (°C)
0.0004
–55
–25
5
35
95
125
–0.0004
–0.0008
–0.0012
–0.0016
–0.0020
0
65
Figure 10. Reference Out Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com