Electronic Components Datasheet Search
  English  ▼

X  

AD7677ACPRL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7677ACPRL
Description  16-Bit, 1 LSB INL, 1 MSPS Differential ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7677ACPRL Datasheet(HTML) 4 Page - Analog Devices

  AD7677ACPRL Datasheet HTML 1Page - Analog Devices AD7677ACPRL Datasheet HTML 2Page - Analog Devices AD7677ACPRL Datasheet HTML 3Page - Analog Devices AD7677ACPRL Datasheet HTML 4Page - Analog Devices AD7677ACPRL Datasheet HTML 5Page - Analog Devices AD7677ACPRL Datasheet HTML 6Page - Analog Devices AD7677ACPRL Datasheet HTML 7Page - Analog Devices AD7677ACPRL Datasheet HTML 8Page - Analog Devices AD7677ACPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
REV. A
–3–
AD7677
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLIES
Specified Performance
AVDD
4.75
5
5.25
V
DVDD
4.75
5
5.25
V
OVDD
2.7
5.25
5
V
Operating Current
2
1 MSPS Throughput
AVDD
16.7
mA
DVDD
6
6.4
mA
OVDD
6
69
µA
Power Dissipation
6
666 kSPS Throughput
7
87
98
mW
100 SPS Throughput
7
15
µW
1 MSPS Throughput
2
115
130
mW
In Power-Down Mode
8
7
µW
TEMPERATURE RANGE
9
Specified Performance
TMIN to TMAX
–40
+85
°C
NOTES
1LSB means Least Significant Bit. With the
±2.5 V input range, one LSB is 76.3 µV.
2In Warp Mode.
3Tested with V
REF = 2.5 V. See Definition of Specifications section. These specifications do not include the error contribution from the external reference.
4All specifications in dB are referred to a full-scale input FS. Tested with an input signal at 0.5 dB below full scale unless otherwise specified.
5The max should be the minimum of 5.25 V and DVDD + 0.3 V.
6Tested in Parallel Reading Mode.
7In Impulse Mode.
8With OVDD below DVDD + 0.3 V and all digital inputs forced to DVDD or DGND, respectively.
9Contact factory for extended temperature range.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com