Electronic Components Datasheet Search
  English  ▼

X  

AD7677ACPRL Datasheet(PDF) 1 Page - Analog Devices

Part # AD7677ACPRL
Description  16-Bit, 1 LSB INL, 1 MSPS Differential ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7677ACPRL Datasheet(HTML) 1 Page - Analog Devices

  AD7677ACPRL Datasheet HTML 1Page - Analog Devices AD7677ACPRL Datasheet HTML 2Page - Analog Devices AD7677ACPRL Datasheet HTML 3Page - Analog Devices AD7677ACPRL Datasheet HTML 4Page - Analog Devices AD7677ACPRL Datasheet HTML 5Page - Analog Devices AD7677ACPRL Datasheet HTML 6Page - Analog Devices AD7677ACPRL Datasheet HTML 7Page - Analog Devices AD7677ACPRL Datasheet HTML 8Page - Analog Devices AD7677ACPRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD7677
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
16-Bit, 1 LSB INL, 1 MSPS
Differential ADC
FUNCTIONAL BLOCK DIAGRAM
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
OB/
2C
16
DATA[15:0]
BUSY
CS
SER/
PAR
OGND
OVDD
DGND
DVDD
SERIAL
PORT
PARALLEL
INTERFACE
BYTESWAP
RD
AVDD AGND REF REFGND
PD
RESET
CNVST
IN–
SWITCHED
CAP DAC
AD7677
IN+
IMPULSE
WARP
PulSAR Selection
Type/kSPS
100–250
500–570
1000
Pseudo
AD7660
AD7650
Differential
AD7664
True Bipolar
AD7663
AD7665
AD7671
True Differential
AD7675
AD7676
AD7677
FEATURES
Throughput: 1 MSPS
INL:
1 LSB Max ( 0.0015% of Full Scale)
16 Bits Resolution with No Missing Codes
S/(N+D): 94 dB Typ @ 45 kHz
THD: –110 dB Typ @ 45 kHz
Differential Input Range:
2.5 V
Both AC and DC Specifications
No Pipeline Delay
Parallel (8 Bits/16 Bits) and Serial 5 V/3 V Interface
Single 5 V Supply Operation
115 mW Typical Power Dissipation, 15
W @ 100 SPS
Power-Down Mode: 7
W Max
Packages: 48-Lead Quad Flatpack (LQFP)
48-Lead Frame Chip Scale (LFCSP)
Pin-to-Pin Compatible Upgrade of the AD7664/AD7675/
AD7676
APPLICATIONS
CT Scanners
Data Acquisition
Instrumentation
Spectrum Analysis
Medical Instruments
Battery-Powered Systems
Process Control
GENERAL DESCRIPTION
The AD7677 is a 16-bit, 1 MSPS, charge redistribution SAR,
fully differential, analog-to-digital converter that operates from a
single 5 V power supply. The part contains a high speed 16-bit
sampling ADC, an internal conversion clock, error correction
circuits, and both serial and parallel system interface ports.
The AD7677 is hardware factory calibrated and comprehen-
sively tested to ensure such ac parameters as signal-to-noise
ratio (SNR) and total harmonic distortion (THD), in addition
to the more traditional dc parameters of gain, offset, and linearity.
It features a very high sampling rate mode (Warp); a fast
mode (Normal) for asynchronous conversion rate applica-
tions; and, for low power applications, a reduced power mode
(Impulse) where the power is scaled with the throughput.
The AD7677 is available in a 48-lead LQFP or a tiny 48-lead
LFCSP with operation specified from –40
°C to +85°C.
PRODUCT HIGHLIGHTS
1. Excellent INL
The AD7677 has a maximum integral nonlinearity of 1 LSB
with a no missing 16-bit code.
2. Superior AC Performances
The AD7677 has a minimum dynamic of 92 dB, 94 dB typical.
3. Fast Throughput
The AD7677 is a 1 MSPS, charge redistribution, 16-bit SAR
ADC with internal error correction circuitry.
4. Single-Supply Operation
The AD7677 operates from a single 5 V supply and typically
dissipates only 115 mW. Its power dissipation decreases
with the throughput. It consumes 7
µW maximum when in
power-down.
5. Serial or Parallel Interface
Versatile parallel (8 bits or 16 bits) or 2-wire serial inter-
face arrangement compatible with both 3 V or 5 V logic.


Similar Part No. - AD7677ACPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7677AST AD-AD7677AST Datasheet
322Kb / 20P
16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV.0
AD7677ASTRL AD-AD7677ASTRL Datasheet
322Kb / 20P
16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV.0
More results

Similar Description - AD7677ACPRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7676 AD-AD7676 Datasheet
321Kb / 20P
16-Bit -1 LSB INL, 500 kSPS, Differential ADC
REV.0
AD7677 AD-AD7677 Datasheet
322Kb / 20P
16-Bit, 1 LSB INL, 1 MSPS Differential ADC
REV.0
AD7621 AD-AD7621 Datasheet
619Kb / 32P
16-Bit, 2 LSB INL, 3 MSPS PulSAR짰 ADC
REV. 0
AD7676ASTZ AD-AD7676ASTZ Datasheet
348Kb / 20P
16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
REV. B
AD7622BSTZ AD-AD7622BSTZ Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7677 AD-AD7677_15 Datasheet
338Kb / 20P
16-Bit, 1 LSB INL, 1 MSPS
REV. A
AD7622 AD-AD7622 Datasheet
589Kb / 29P
1.5 LSB INL, 2 MSPS PulSAR ADC
14-Apr-2017
AD7621 AD-AD7621_17 Datasheet
468Kb / 33P
16-Bit, 2 LSB INL, 3 MSPS PulSAR ADC
09-Jun-2017
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
16-Bit, 1 LSB INL
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com