| Electronic Components Datasheet Search |
|
AD7677ACPRL Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7677ACPRL Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 21 page ![]() REV. A AD7677 –17– SERIAL INTERFACE The AD7677 is configured to use the serial interface when the SER/PAR is held high. The AD7677 outputs 16 bits of data, MSB first, on the SDOUT Pin. This data is synchronized with the 16 clock pulses provided on the SCLK Pin. MASTER SERIAL INTERFACE Internal Clock The AD7677 is configured to generate and provide the serial data clock SCLK when the EXT/ INT Pin is held low. The AD7677 also generates a SYNC signal to indicate to the host when the serial data is valid. The serial clock SCLK and the SYNC signal can be inverted if desired. The output data is valid on both the rising and falling edge of the data clock. Depending on RDC/ SDIN input, the data can be read after each conversion, or during the following conversion. Figure 17 and Figure 18 show the detailed timing diagrams of these two modes. Usually, because the AD7677 is used with a fast throughput, the mode master, read during conversion, is the most recommended serial mode when it can be used. In read-after-conversion mode, unlike in other modes, it should be noted that the signal BUSY returns low after the 16 data bits are pulsed out and not at the end of the conversion phase, which results in a longer BUSY width. In read-during-conversion mode, the serial clock and data toggle at appropriate instances minimizes potential feedthrough between digital activity and the critical conversion decisions. To accommodate slow digital hosts, the serial clock can be slowed down by using DIVSCLK. SLAVE SERIAL INTERFACE External Clock The AD7677 is configured to accept an externally supplied serial data clock on the SCLK pin when the EXT/ INT pin is held high. In this mode, several methods can be used to read the data. The external serial clock is gated by CS and the data are output when both CS and RD are low. Thus, depending on CS, the data can be read after each conversion or during the follow- ing conversion. The external clock can be either a continuous or discontinuous clock. A discontinuous clock can be either CS SCLK SDOUT D15 D14 D1 D0 D13 X15 X14 X13 X1 X0 Y15 Y14 BUSY SDIN INVSCLK = 0 X15 X14 X 12 3 14 15 16 17 18 EXT/ INT = 1 RD = 0 t35 t36 t37 t31 t32 t34 t16 t33 Figure 19. Slave Serial Data Timing for Reading (Read After Convert) CNVST SDOUT SCLK D1 D0 X D15 D14 D13 12 3 14 15 16 BUSY INVSCLK = 0 CS EXT/ INT = 1 RD = 0 t35 t36 t37 t31 t32 t16 t3 Figure 20. Slave Serial Data Timing for Reading (Read Previous Conversion During Convert) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |