Electronic Components Datasheet Search
  English  ▼

X  

AD7677ACPRL Datasheet(PDF) 12 Page - Analog Devices

Part # AD7677ACPRL
Description  16-Bit, 1 LSB INL, 1 MSPS Differential ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7677ACPRL Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7677ACPRL Datasheet HTML 8Page - Analog Devices AD7677ACPRL Datasheet HTML 9Page - Analog Devices AD7677ACPRL Datasheet HTML 10Page - Analog Devices AD7677ACPRL Datasheet HTML 11Page - Analog Devices AD7677ACPRL Datasheet HTML 12Page - Analog Devices AD7677ACPRL Datasheet HTML 13Page - Analog Devices AD7677ACPRL Datasheet HTML 14Page - Analog Devices AD7677ACPRL Datasheet HTML 15Page - Analog Devices AD7677ACPRL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
REV. A
AD7677
–11–
TEMPERATURE – C
250
0
100
–15
105
–55
45
150
50
DVDD
–35
5
85
25
65
200
OVDD
AVDD
TPC 13. Power-Down Operating Currents vs. Temperature
CIRCUIT INFORMATION
The AD7677 is a very fast, low power, single-supply, precise,
16-bit analog-to-digital converter (ADC). The AD7677 features
different modes to optimize performances according to the
applications.
In Warp Mode, the AD7677 is capable of converting 1,000,000
samples per second (1 MSPS).
The AD7677 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any pipe-
line or latency, making it ideal for multiple multiplexed channel
applications.
The AD7677 can be operated from a single 5 V supply and
be interfaced to either 5 V or 3 V digital logic. It is housed in a
48-lead LQFP package that combines space savings and flexible
configurations as either serial or parallel interface. The AD7677
is a pin-to-pin compatible upgrade of the AD7664, AD7675,
and AD7676.
CONVERTER OPERATION
The AD7677 is a successive approximation analog-to-digital
converter based on a charge redistribution DAC. Figure 3 shows
the simplified schematic of the ADC. The capacitive DAC con-
sists of two identical arrays of 16 binary weighted capacitors
that are connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator’s input are connected to AGND via SW+ and SW–.
All independent switches are connected to the analog inputs.
Thus, the capacitor arrays are used as sampling capacitors and
acquire the analog signal on IN+ and IN– inputs. When the
acquisition phase is complete and the
CNVST input goes
low, a conversion phase is initiated. When the conversion phase
begins, SW+ and SW– are opened first. The two capacitor arrays
are then disconnected from the inputs and connected to the
REFGND input. Therefore, the differential voltage between the
inputs IN+ and IN– captured at the end of the acquisition phase
is applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between REFGND or REF, the comparator input varies
by binary weighted voltage steps (VREF/2, VREF/4 . . . VREF/65536).
The control logic toggles these switches, starting with the MSB
first, in order to bring the comparator back into a balanced
condition. After the completion of this process, the control logic
generates the ADC output code and brings BUSY output low.
Modes of Operation
The AD7677 features three modes of operations, Warp, Normal,
and Impulse. Each of these modes is more suitable for specific
applications.
IN+
REF
REFGND
IN–
32,768C 16,384C
MSB
4C
2C
C
C
LSB
SW+
SWITCHES
CONTROL
32,768C 16,384C
MSB
4C
2C
C
C
LSB
SW–
BUSY
OUTPUT
CODE
CNVST
CONTROL
LOGIC
COMP
Figure 3. ADC Simplified Schematic
TEMPERATURE – C
5
3
–5
–55
135
–35
–15
–5
15
35
55
75
95
1
–1
–3
115
4
2
0
–2
–4
–FS
OFFSET
+FS
TPC 14. Drift vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com