Electronic Components Datasheet Search
  English  ▼

X  

PNX2000 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PNX2000
Description  Audio video input processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX2000 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PNX2000 Datasheet HTML 4Page - NXP Semiconductors PNX2000 Datasheet HTML 5Page - NXP Semiconductors PNX2000 Datasheet HTML 6Page - NXP Semiconductors PNX2000 Datasheet HTML 7Page - NXP Semiconductors PNX2000 Datasheet HTML 8Page - NXP Semiconductors PNX2000 Datasheet HTML 9Page - NXP Semiconductors PNX2000 Datasheet HTML 10Page - NXP Semiconductors PNX2000 Datasheet HTML 11Page - NXP Semiconductors PNX2000 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
9397 750 13928
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data
Rev. 03 – 23 August 2004
8 of 31
Philips Semiconductors
PNX2000
Audio video input processor
In the tables that follow, signals of the PNX2000 have been sorted by functional group. For
quick reference Table 4 identifies each functional group and associated table.
142
VSSE
-
3.3 V ground
143
VDDE
-
3.3 V supply voltage
144
VSSE
-
3.3 V ground
Table 4:
Signal groups
Functional group
Table number
I2D-bus
Table 5
AUDIO
Table 6
I2S-bus
Table 7
VIDDEC
Table 8
ITU-656
Table 9
JTAG
Table 10
I2C-bus
Table 11
CLOCK
Table 12
GTU
Table 13
RESET
Table 14
DIGITAL SUPPLY
Table 15
ANALOG SUPPLY
Table 16
Table 5:
I2D pins
Symbol
Pin
Type
Description
DLINK1DP
2
IA
analog differential data link 1 positive termination
DLINK1DN
3
IA
analog differential data link 1 negative termination
DLINK1SP
4
IA
analog differential strobe link 1 positive termination
DLINK1SN
5
IA
analog differential strobe link 1 negative termination
DLINK2DP
7
IA
analog differential data link 2 positive termination
DLINK2DN
8
IA
analog differential data link 2 negative termination
DLINK2SP
9
IA
analog differential strobe link 2 positive termination
DLINK2SN
10
IA
analog differential strobe link 2 negative termination
DLINK3DP
12
IA
analog differential data link 3 positive termination
DLINK3DN
13
IA
analog differential data link 3 negative termination
DLINK3SP
14
IA
analog differential strobe link 3 positive termination
DLINK3SN
15
IA
analog differential strobe link 3 negative termination
Table 6:
Audio pins
Symbol
Pin
Type
Description
ADAC1
104
OA
analog audio output 1
ADAC2
107
OA
analog audio output 2
ADAC3
110
OA
analog audio output 3
ADAC4
113
OA
analog audio output 4
Table 3:
Pins in numerical sequence…continued
Pin
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com