Electronic Components Datasheet Search
  English  ▼

X  

PNX2000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PNX2000
Description  Audio video input processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX2000 Datasheet(HTML) 4 Page - NXP Semiconductors

  PNX2000 Datasheet HTML 1Page - NXP Semiconductors PNX2000 Datasheet HTML 2Page - NXP Semiconductors PNX2000 Datasheet HTML 3Page - NXP Semiconductors PNX2000 Datasheet HTML 4Page - NXP Semiconductors PNX2000 Datasheet HTML 5Page - NXP Semiconductors PNX2000 Datasheet HTML 6Page - NXP Semiconductors PNX2000 Datasheet HTML 7Page - NXP Semiconductors PNX2000 Datasheet HTML 8Page - NXP Semiconductors PNX2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
9397 750 13928
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data
Rev. 03 – 23 August 2004
4 of 31
Philips Semiconductors
PNX2000
Audio video input processor
Table 3:
Pins in numerical sequence
Pin
Symbol
Type
Description
1VSSD(I2D)
GD
I2D digital ground
2
DLINK1DP
IA
analog differential data link 1 positive termination
3
DLINK1DN
IA
analog differential data link 1 negative termination
4
DLINK1SP
IA
analog differential strobe link 1 positive termination
5
DLINK1SN
IA
analog differential strobe link 1 negative termination
7
DLINK2DP
IA
analog differential data link 2 positive termination
8
DLINK2DN
IA
analog differential data link 2 negative termination
9
DLINK2SP
IA
analog differential strobe link 2 positive termination
10
DLINK2SN
IA
analog differential strobe link 2 negative termination
12
DLINK3DP
IA
analog differential data link 3 positive termination
13
DLINK3DN
IA
analog differential data link 3 negative termination
14
DLINK3SP
IA
analog differential strobe link 3 positive termination
15
DLINK3SN
IA
analog differential strobe link 3 negative termination
16
VDDD(I2D)
SD
I2D digital 1.8 V supply voltage
17
I2C_ADR
ID
I2C-bus address select (internal pull-down); TTL; 5VT
18
HSYNCFBL1
IA
horizontal sync (external); fastblanking signal from
SCART
19
HSYNCFBL2
IA
horizontal sync (external); fastblanking signal from
SCART
20
HVINFO
OD
horizontal and vertical sync information to PNX3000;
CMOS
21
VSYNC1
ID
vertical sync (external); TTL; 5VT
22
VSYNC2
ID
vertical sync (external); TTL; 5VT
23
VDD3(DTC)
SD
DTC 3.3 V supply voltage
24
VDDD(DTC)
SD
DTC 1.8 V supply voltage
25
VSS(DTC)
GA
DTC analog ground
26
I2C_SCL
IOD
I2C-bus clock; TTL; Z; 5VT
27
I2C_SDA
IOD
I2C-bus data; TTL; Z; 5VT
28
VSSE
-
3.3 V ground
29
VSS
-
1.8 V ground
30
VDDI
-
1.8 V supply voltage
31
MPIFCLK
OD
13.5 MHz or 27 MHz to PNX3000; CMOS
32
VDDE
-
3.3 V supply voltage
33
VDDA(PLL)
-
phase locked loop 1.8 V supply voltage
34
-
n.c.
not connected
35
VDDI
-
1.8 V supply voltage
36
VSS
-
1.8 V ground
37
VDDA(XTAL)
OSCVDD
1.8 V crystal oscillator supply voltage
38
XIN
OSCIN
crystal oscillator input
39
XOUT
OSCOUT
crystal oscillator output
40
XGND
OSCGND
crystal oscillator ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com