Electronic Components Datasheet Search
  English  ▼

X  

PNX2000 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PNX2000
Description  Audio video input processor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX2000 Datasheet(HTML) 2 Page - NXP Semiconductors

  PNX2000 Datasheet HTML 1Page - NXP Semiconductors PNX2000 Datasheet HTML 2Page - NXP Semiconductors PNX2000 Datasheet HTML 3Page - NXP Semiconductors PNX2000 Datasheet HTML 4Page - NXP Semiconductors PNX2000 Datasheet HTML 5Page - NXP Semiconductors PNX2000 Datasheet HTML 6Page - NXP Semiconductors PNX2000 Datasheet HTML 7Page - NXP Semiconductors PNX2000 Datasheet HTML 8Page - NXP Semiconductors PNX2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
9397 750 13928
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data
Rev. 03 – 23 August 2004
2 of 31
Philips Semiconductors
PNX2000
Audio video input processor
4.
Ordering information
5.
Block diagram
Table 1:
Ordering information
Type number
Package
name
Description
Version
PNX2000HL
LQFP144
plastic low profile quad flat package; 144 leads; body 20
× 20 × 1.4 mm
SOT486-1
Fig 1.
Block diagram
mce559
I2C-BUS
I2C-bus
audio data SIF or L/R
video data CVBS, Y/C, YUV
54 MHz clock
27 Msps or 54 Msps
VIDDEC
HSYNC
HSYNC/
VSYNC
I2D
DLINK1
DLINK3
DLINK2
GTU
INT
13.5 MHz or
27 MHz
Xtal
6
× I2S-bus
outputs
6
× I2S-bus
inputs
DCU
ITU-656
ITU-656
1fH or 2fH
10-bit data
BCU
PNX2000
PI-bus
CLOCKS
DEMDEC DSP
AUDIO DSP
×4
PNX3000
interface
(2 stereo
or 4 mono)
×2
×6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com