Electronic Components Datasheet Search
  English  ▼

X  

PM4104APDA Datasheet(PDF) 7 Page - Sames

Part # PM4104APDA
Description  Evaluation Module for SA4104A and SA4104B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4104APDA Datasheet(HTML) 7 Page - Sames

Back Button PM4104APDA Datasheet HTML 3Page - Sames PM4104APDA Datasheet HTML 4Page - Sames PM4104APDA Datasheet HTML 5Page - Sames PM4104APDA Datasheet HTML 6Page - Sames PM4104APDA Datasheet HTML 7Page - Sames PM4104APDA Datasheet HTML 8Page - Sames PM4104APDA Datasheet HTML 9Page - Sames PM4104APDA Datasheet HTML 10Page - Sames PM4104APDA Datasheet HTML 11Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
http://www.sames.co.za
7/14
PRELIMINARY
PM4104APDA
EXTERNAL CONNECTIONS TO THE PM4104APDA
The PM4104APDA evaluation board has external connectors to connect the various equipment required to evaluate the
SA4104A/B in an end user application. The external connectors are described in the Table 3. The connection points correspond
to the markings on the evaluation board. Figure 6 and Figure 7 illustrate the connection of the PM4104APDA for a shunt and
current transformer application respectively.
Table 3: External connectors on the PM4104APDA
Connector
Description
JS1
Connection Point for Current Sensor: Connect the shunt resistor or the current transformer to this
connector. The current sensor should be connected in such a way that a positive current flows “in” on
terminal “P” and “out” on terminal “N”. The connector also has a reference terminal “0” which can be
used to connect the reference of the shunt resistor.
JS2
Connection Point for Mains Voltage: The mains voltage must be connected on this connector. The “N”
terminal is the reference level of the module and the “L” terminal is the potential input. In the case of a
current transformer the NEUTRAL line is typically the reference level of the meter and therefore
NEUTRAL is connected to “N” and LIVE to “L”. When a shunt resistor is used to sense the current in
the LIVE line, the LIVE line acts as the reference of the meter. In this case LIVE should be connected
to “N” while the NEUTRAL line is connected to the “L” terminal.
JS3
Connection Point for Power Supply: The power supply to the PM4104APDA should be connected at
this connector. A single 5V supply can be connected between the “+” and “-” terminals or a dual 2.5V
supply can be connected to the “+”, “0” and “-” terminals.
JS4
Connection Point of Energy Counter: A stepper motor counter or impulse counter can be connected to
this connection point to register the energy measured by the SA4104A/B. When an impulse counter is
used the positive and negative terminals of the counter should be connected to the “P” and “N”
terminals respectively.
JS5
Connection Point for Pulse Output: This connector is used to access the opto-isolated pulse output.
The emitter and collector output terminals of the opto-coupler are marked “E” and “C” respectively. No
pull-up resistor is present on the PM4104APDA. The pulse output is primarily used for performance
evaluation and calibration of the SA4104A/B.
J7
LED Output: This connector contains the LED output of the device (centre terminal) as well as the VDD
(“1”) and VSS (“0”) power supply voltages of the PM4104APDA. This terminal is useful when
interfacing the pulse output to external circuitry.
J9
Direction Output: This connector contains the DIRO output of the device (centre terminal) as well as
the VDD (“1”) and VSS (“0”) power supply voltages of the PM4104APDA.
J11
Motor Output: This connector contains the MON (“N”) and MOP (“P”) outputs of the device as well as
the VDD (“1”) and VSS (“0”) power supply voltages of the PM4104APDA. This terminal is useful when
interfacing the motor output to external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com