Electronic Components Datasheet Search
  English  ▼

X  

PM4104APDA Datasheet(PDF) 4 Page - Sames

Part # PM4104APDA
Description  Evaluation Module for SA4104A and SA4104B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4104APDA Datasheet(HTML) 4 Page - Sames

  PM4104APDA Datasheet HTML 1Page - Sames PM4104APDA Datasheet HTML 2Page - Sames PM4104APDA Datasheet HTML 3Page - Sames PM4104APDA Datasheet HTML 4Page - Sames PM4104APDA Datasheet HTML 5Page - Sames PM4104APDA Datasheet HTML 6Page - Sames PM4104APDA Datasheet HTML 7Page - Sames PM4104APDA Datasheet HTML 8Page - Sames PM4104APDA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
http://www.sames.co.za
4/14
PRELIMINARY
PM4104APDA
Current Input Filtering
For best immunity to electromagnetic disturbances the
SA4104A/B requires low-pass filters on the current sense
inputs. Referring to Figure 2 and Figure 3, these filters are
realized by means of the capacitors C1 and C2. The typical
cut-off frequency of these filters should be between 10kHz
and 20kHz. The equivalent resistance associated with each
capacitor is RC/2 so the capacitor value should be in the
order of
C
C
CI
C
R
f
1
C2
C1
=
p
=
=
where fCI is the required cut-off frequency of the low-pass
filters of the current input networks.
The current input network on the PM4104APDA has been
set up for a shunt with input resistors RC = 200W. The
filtering capacitors have been set to CC = 100nF for
simplicity. The resulting cut-off frequency is 15.9kHz.
Voltage Sense Input Network
The voltage input network on the PM4104APDA has been
designed for operation at both 220V and 110V mains
voltage. The mains voltage is selected by means of a
jumper (J1). The voltage input network attenuates the mains
voltage signal to a lower voltage by means of a voltage
divider. A trimpot is used to tap this voltage divider at
different levels to effect calibration.
Figure 4 shows the voltage sense input network as
implemented on the PM4104APDA. The voltage sense input
of the SA4104A/B saturates at an input current of
±17.6μARMS (±25μAPEAK). The current into the voltage sense
input should therefore be set between 11μARMS and
12μARMS at nominal mains voltage (VNOM) to allow for a
mains voltage variation of up to +30% and –50% without
saturating the voltage sense input.
The input resistor R12 sets the current input into the device.
This resistor should not be too large else the capacitor for
the low-pass filter will be quite small. This could cause
inaccurate phase shift due to parasitic capacitances and
affect the performance of the energy meter at low power
factor. Therefore R12 = 100k
W is chosen. For the purpose
of the evaluation module a very large tuning range on the
trimpot is selected, so let R11 and P1 be 1k
W each and the
voltage over the combination of R11 and P1 be 1.76V. This
allows the input currents on the voltage sense inputs of the
device to be scaled from 17.6μARMS down to 8.8μARMS.
The following equations can be used to obtain the remaining
resistor values:
W
+
+
+
+
W
=
k
2
10
R
9
R
8
R
7
R
k
2
V
220
V
76
.
1
and
W
+
+
W
=
k
2
8
R
7
R
k
2
V
110
V
76
.
1
This results in R7 + R8 = 123k
W and R9 + R10 = 125kW and
the values are chosen as R7 = 75k
W, R8 = 47kW and R9 =
R10 = 62k
W. The effect of R12 can be ignored in the above
equations, given the fact that R12 is significantly larger than
the combination of P1 and R11.
A low-pass filter is required on the voltage sense input to
remove any high frequency signals that could affect the
performance of the SA4104A/B. If a current transformer is
used as a current sensing element then this low pass filter is
used to compensate for the phase shift of the current
transformer as well by purposefully increasing the cut-off
frequency.
R12
R9
IVP
GND
C3
R8
R7
GND
V
NOM
(220V / 110V)
(11µA
RMS)
Live
Neutral
GND
R11
P1
SA4104A
SA4104B
AGND
JS2 “L”
JS2 “N”
R10
GND
J1
110V / 220V
R12
R9
IVP
GND
C3
R8
R7
GND
V
NOM
(220V / 110V)
(11µA
RMS)
Live
Neutral
GND
R11
P1
SA4104A
SA4104B
AGND
JS2 “L”
JS2 “N”
R10
GND
J1
110V / 220V
Figure 4: Voltage input network on the PM4104APDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com