Electronic Components Datasheet Search
  English  ▼

X  

PM4104APDA Datasheet(PDF) 1 Page - Sames

Part # PM4104APDA
Description  Evaluation Module for SA4104A and SA4104B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4104APDA Datasheet(HTML) 1 Page - Sames

  PM4104APDA Datasheet HTML 1Page - Sames PM4104APDA Datasheet HTML 2Page - Sames PM4104APDA Datasheet HTML 3Page - Sames PM4104APDA Datasheet HTML 4Page - Sames PM4104APDA Datasheet HTML 5Page - Sames PM4104APDA Datasheet HTML 6Page - Sames PM4104APDA Datasheet HTML 7Page - Sames PM4104APDA Datasheet HTML 8Page - Sames PM4104APDA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PM4104APDA Application Note:
Evaluation Module for SA4104A and SA4104B
SPEC-1771 (REV. 2)
1/14
PRELIMINARY
21-02-2006
PM4104APDA
FEATURES
n
Compatible with shunt resistor or current transformer
current sensing elements
n
Operation from either a single 5V supply or a dual 2.5V
supply
n
Connection of various current sensing elements, mains
voltage and power supply by means of screw terminals
n
On-board LED indicators for pulse output and direction
n
On-board optically isolated pulse output for direct
connection to test equipment
n
On-board precision calibration network by means of an
analog trimpot
n
Connection of stepper motor counter or impulse counter
by means of screw terminals
n
Easily accessible jumpers for setting up all possible
device options
DESCRIPTION
The PM4104APDA evaluation module is designed to
demonstrate the functionality and performance of the
SA4104A and SA4104B energy metering devices. A
complete single phase energy meter can be built up and
evaluated using this module, allowing the performance of
the SA4104A/B to be evaluated in an end user application.
The required current sensing element, a power supply as
well as a stepper motor counter or an impulse counter can
be connected by means of screw terminals.
The on-board calibration network is based on a trimpot and
allows accurate calibration of the energy meter. The various
device options can be selected by means of on-board
jumpers, while all device outputs have been equipped with
LED indicators for easy evaluation. An opto-isolated pulse
output is available for direct connection to any energy meter
test equipment.
This application note should be used in conjunction with the
datasheet for the SA4104A or SA4104B energy metering
devices.
Current
Sense
Input
Network
Voltage
Sense
Input
Network
With
Calibration
SA4104A
SA4104B
P
N
L
N
Opto-isolated
Pulse
Output
C
E
Pulse
LED
Device
Configuration
Switches
P
N
Counter Output
Power
Supply
Filter
and
GND
Generator
+
-
0
Direction LED
0
Current
Sense
Input
Network
Voltage
Sense
Input
Network
With
Calibration
SA4104A
SA4104B
P
N
L
N
Opto-isolated
Pulse
Output
C
E
Pulse
LED
Device
Configuration
Switches
P
N
Counter Output
Power
Supply
Filter
and
GND
Generator
+
-
0
Direction LED
0
Figure 1: Functional block diagram


Similar Part No. - PM4104APDA

ManufacturerPart #DatasheetDescription
logo
Sames
PM4100APD SAMES-PM4100APD Datasheet
644Kb / 14P
Energy Meter Evaluation Module
PM4106APDA SAMES-PM4106APDA Datasheet
412Kb / 14P
Evaluation Module for SA4106A
More results

Similar Description - PM4104APDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
Serial Communications Module For Evaluation Kits
logo
Sames
PM4106APDA SAMES-PM4106APDA Datasheet
412Kb / 14P
Evaluation Module for SA4106A
PM4301APDA SAMES-PM4301APDA Datasheet
423Kb / 14P
Evaluation Module for SA4301A and SA9105G
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com