Electronic Components Datasheet Search
  English  ▼

X  

PM4104APDA Datasheet(PDF) 3 Page - Sames

Part # PM4104APDA
Description  Evaluation Module for SA4104A and SA4104B
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM4104APDA Datasheet(HTML) 3 Page - Sames

  PM4104APDA Datasheet HTML 1Page - Sames PM4104APDA Datasheet HTML 2Page - Sames PM4104APDA Datasheet HTML 3Page - Sames PM4104APDA Datasheet HTML 4Page - Sames PM4104APDA Datasheet HTML 5Page - Sames PM4104APDA Datasheet HTML 6Page - Sames PM4104APDA Datasheet HTML 7Page - Sames PM4104APDA Datasheet HTML 8Page - Sames PM4104APDA Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
http://www.sames.co.za
3/14
PRELIMINARY
PM4104APDA
Using a Current Transformer
Figure 3 shows the circuit diagram of the current sense
input network when using a current transformer (CT) to
sense the line current as it is implemented on the
PM4104APDA. The CT is connected externally.
At maximum rated mains current (IMAX) the current input
network should be designed to supply an input current of
16μARMS to the current sense inputs (IIP and IIN) of the
SA4104A/B. The current sense inputs saturate at an input
current of ±17.6μARMS (±25μAPEAK), so this allows about
10% headroom until saturation occurs. Referring to Figure
3, the resistors R1 and R2 form the current transformers
termination resistor. The reference level is connected in the
centre of the termination resistor to achieve purely
differential input currents. The voltage drop across the
current transformer termination resistors at maximum rated
mains current should be in the order of 100mVRMS. The
value of the termination resistors R1 and R2 is therefore
B
MAX
CT
R
2
1
I
N
mV
100
R2
R1
=
´
´
=
=
where NCT is the current transformer ratio and IMAX is the
maximum rated mains current.
The resistors R3 to R6 define the current flowing into the
energy metering device. The optimum input network is
achieved by setting the input resistors equal, i.e. setting R3
= R4 = R5 = R6. Noting that the energy metering device
creates a virtual short circuit between the differential current
sense inputs (IIP and IIN) the value for the input resistors
can be calculated as follows:
C
B
CT
MAX
R
A
16
2
R
N
I
R6
R5
R4
R3
=
m
´
´
=
=
=
=
.
If, for example, NCT = 2500 and IMAX = 40A then RB » 3W and
therefore RC = 1.5kW.
To reconfigure the PM4104APDA for a different IMAX or a
different CT turns ratio typically only the current transformer
burden resistors need to be changed. This will then not
affect any other characteristics of the current input networks.
The new value for the burden resistors can be calculated
using
MAX
CT
C
I
N
R
A
16
2
R2
R1
´
´
m
´
=
=
The values of the burden resistors for some typical values of
IMAX when using current transformers with a turns ratio of
1:2500 (NCT = 2500) and assuming RC = 1.5kW are shown in
Table 1, rounded to the nearest available resistor value.
Table 1: Current transformer burden resistors required for
some common values of IMAX when using current
transformers with a turns ratio of 1:2500 and RC = 1.5kW
IMAX (A)
Value of Burden Resistors (
W)
6
20
10
12
20
6.2
25
4.7
30
3.9
40
3
50
2.4
60
2
80
1.5
100
1.2
120
1
SA4104A
SA4104B
R3
R5
R2
IIN
IIP
GND
CT1
Current In
16μA
RMS
R4
R6
R1
Current Out
GND
GND
C2
C1
JS1 “P”
JS1 “N”
SA4104A
SA4104B
R3
R5
R2
IIN
IIP
GND
CT1
Current In
16μA
RMS
R4
R6
R1
Current Out
GND
GND
C2
C1
JS1 “P”
JS1 “N”
Figure 3: Current input network on the PM4104APDA when using a current transformer as current sensing element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com