Electronic Components Datasheet Search
  English  ▼

X  

SA2102DSA Datasheet(PDF) 12 Page - Sames

Part # SA2102DSA
Description  Reference Meter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2102DSA Datasheet(HTML) 12 Page - Sames

Back Button SA2102DSA Datasheet HTML 8Page - Sames SA2102DSA Datasheet HTML 9Page - Sames SA2102DSA Datasheet HTML 10Page - Sames SA2102DSA Datasheet HTML 11Page - Sames SA2102DSA Datasheet HTML 12Page - Sames SA2102DSA Datasheet HTML 13Page - Sames SA2102DSA Datasheet HTML 14Page - Sames SA2102DSA Datasheet HTML 15Page - Sames SA2102DSA Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
sames
RM2102DSE
15/16
http://www.sames.co.za
12/16
http://www.sames.co.za
PRELIMINARY
EVALUATION BOARD COMPONENT LIST
Designator
U1
D2, D3
TL1, TL2
R1
R2
R3
R4
R5
R6
R7
R8, R9
R10
R11
R12
R13
R14
R15, R16
R17
R18
R19
D1
J12
U4
C4, C5
C1, C2
C8
C6
C3
C9, C10
17
2
Detail
Note 1
Note 2
Description
20 Pin SOIC
Silicon Diode
Precision Shunt Regulator, TO-92 Package
1% Resistor
Metal Oxide Varistor
Red
Opto-isolator
Capacitor Ceramic
Capacitor Electrolytic Radial
Capacitor Polyester, X2 or X3
Capacitor Ceramic
Capacitor Electrolytic Radial
Capacitor Tantalum
M4 x 10mm
1% Resistor
2W, 5% Wire-Wound
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
1% Resistor
5% Resistor
Part Type
SA2102DSA
1N4148
TL431
100k
180k
47R
100k
49k9
24k9
12k4
470R
6k2
3k
1k5
750R
24k
To be calculated
47k
1M
680R
S10/275
3mm LED
NEC 2501
220nF
220µF / 16V
470nF / 250VAC
820nF / 16V
2200µF / 16V
10µF / 16V
Jumpers
Screws
Notes
1.
Calculate for specific shunt used and meter ratings.
2.
Use 1µF / 150VAC for 115V mains supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com