| Electronic Components Datasheet Search |
|
AD7864 Datasheet(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7864 Datasheet(HTML) 17 Page - Analog Devices |
|
17 / 29 page ![]() AD7864 Rev. D | Page 16 of 28 logic high). The pointer is incremented to point to the next register (next conversion result) when that conversion result is available. Thus, FRSTDATA in Figure 9 is shown as going low just prior to the second EOC pulse. Repeated read operations during a conversion continue to access the data at the current pointer location until the pointer is incremented at the end of that conversion. Note that FRSTDATA has an indeterminate logic state after initial power-up. This means that for the first conversion sequence after power-up, the FRSTDATA logic output may already be logic high before the end of the first conversion (this condition is indicated by the dashed line in ). Also, the FRSTDATA logic output may already be high as a result of the previous read sequence, as is the case after the fourth read in . The fourth read (rising edge of Figure 9 Figure 9 RD) resets the pointer to the first data location. Therefore, FRSTDATA is already high when the next conversion sequence initiates. See the section. Accessing the Output Data Registers Reading After the Conversion Sequence Figure 10 shows the same conversion sequence as Figure 9. In this case, however, the results of the four conversions (on VIN1 to VIN4) are read after all conversions have finished, that is, when BUSY goes logic low. The FRSTDATA signal goes logic high at the end of the first conversion just prior to EOC going logic low. As mentioned previously, FRSTDATA has an indeterminate state after initial power-up, therefore FRSTDATA may already be logic high. Unlike the case when reading between each conversion, the output data register pointer is incremented on the rising edge of RD because the next conversion result is available. This means FRSTDATA goes logic low after the first rising edge on RD. tBUSY QUIET TIME t1 t8 t12 t3 t4 t5 t6 t7 VIN1 VIN2 VIN3 VIN4 100ns 100ns DATA CONVST BUSY EOC FRSTDATA RD CS H/S SEL SL1 TO SL4 t2 tCONV tCONV tCONV tACQ t11 t10 tCONV Figure 9. Timing Diagram for Reading During Conversion t10 t8 t4 t3 t6 t1 QUIET TIME DATA CONVST BUSY EOC FRSTDATA RD CS VIN1 VIN2 VIN3 VIN4 VIN1 tBUSY t2 t10 t7 t3 Figure 10. Timing Diagram, Reading After the Conversion Sequence |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |