Electronic Components Datasheet Search
  English  ▼

X  

AD7864 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7864 Datasheet HTML 16Page - Analog Devices AD7864 Datasheet HTML 17Page - Analog Devices AD7864 Datasheet HTML 18Page - Analog Devices AD7864 Datasheet HTML 19Page - Analog Devices AD7864 Datasheet HTML 20Page - Analog Devices AD7864 Datasheet HTML 21Page - Analog Devices AD7864 Datasheet HTML 22Page - Analog Devices AD7864 Datasheet HTML 23Page - Analog Devices AD7864 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
AD7864
Rev. D | Page 19 of 28
When reading the output data registers after a conversion
sequence, that is, when BUSY goes low, the register pointer is
incremented on the rising edge of the RD signal, as shown in
. However, when reading the conversion results during
the conversion sequence, the pointer is not incremented until a
valid conversion result is in the register to be addressed. In this
case, the pointer is incremented when the conversion has ended
and the result has been transferred to the output data register.
This happens immediately before
Figure 14
EOC goes low, therefore EOC
may be used to enable the register contents onto the data bus,
as described in the
subsection within the
section. The pointer is reset to point
to Register 1 on the rising edge of the
Reading Between Each Conversion in the
Conversion Sequence
Selecting a
Conversion Sequence
RD signal when the last
conversion result in the sequence is being read. In the example
shown, this means that the pointer is set to Register 1 when the
contents of Register 3 are read.
DB0 TO DB11
OUTPUT
DRIVERS
OE NO. 1
NOT VALID
(VIN3)
(VIN1)
(VIN4)
OE NO. 2
OE NO. 3
OE NO. 4
2-BIT
COUNTER
VDRIVE
OE
RD
CS
RESET
OUTPUT DATA REGISTERS
*THE POINTER IS NOT INCREMENTED BY A RISING EDGE ON RD UNTIL
THE CONVERSION RESULT IS IN THE OUTPUT DATA REGISTER. THE POINTER
IS RESET WHEN THE LAST CONVERSION RESULT IS READ.
FRSTDATA
POINTER*
AD7864
Figure 14. Output Data Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com