Electronic Components Datasheet Search
  English  ▼

X  

AD7864 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7864 Datasheet HTML 19Page - Analog Devices AD7864 Datasheet HTML 20Page - Analog Devices AD7864 Datasheet HTML 21Page - Analog Devices AD7864 Datasheet HTML 22Page - Analog Devices AD7864 Datasheet HTML 23Page - Analog Devices AD7864 Datasheet HTML 24Page - Analog Devices AD7864 Datasheet HTML 25Page - Analog Devices AD7864 Datasheet HTML 26Page - Analog Devices AD7864 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD7864
Rev. D | Page 22 of 28
terms include (fa + fb) and (fa − fb), whereas the third-order
terms include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
Using the CCIF standard where two input frequencies near the
top end of the input bandwidth are used, the second- and third-
order terms are of different significance. The second-order
terms are usually distanced in frequency from the original sine
waves, whereas the third-order terms are usually at a frequency
close to the input frequencies. As a result, the second- and
third-order terms are specified separately. The calculation of the
intermodulation distortion is as per the THD specification
where it is the ratio of the rms sum of the individual distortion
products to the rms amplitude of the fundamental expressed in
decibels. In this case, the input consists of two, equal amplitude,
low distortion sine waves. Figure 19 shows a typical IMD plot
for the AD7864.
010
20
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
30
FREQUENCY (kHz)
40
60
50
AD7864-1 @ 25°C
5V SUPPLY
SAMPLING AT 131072Hz
INPUT FREQUENCY OF
48,928Hz AND 50,016Hz
4096 SAMPLES TAKEN
Figure 19. IMD Plot
AC LINEARITY PLOTS
The plots shown in Figure 20 and Figure 21 show typical DNL
and INL plots for the AD7864.
0
500
1000
1500
2000
2500
3000
3500
ADC CODE
3
2
1
0
–1
–2
–3
4000
Figure 20. Typical DNL Plot
–0.5
0
0.5
1.0
1.5
2.0
2.5
–2.5
–2.0
–1.5
–1.0
0
500
1000
1500
2000
2500
3000
3500
4000
ADC CODE
Figure 21. Typical INL Plot
MEASURING APERTURE JITTER
A convenient way to measure aperture jitter is to use the
relationship it is known to have with SNR (signal-to-noise plus
distortion) given as follows:
(
)⎟
⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
×
×
=
σ
f
π
SNR
IN
JITTER
2
1
log
20
10
(3)
where:
SNRJITTER is the signal-to-noise due to the rms time jitter.
σ is the rms time jitter.
fIN is the sinusoidal input frequency (1 MHz in this case).
Equation 3 demonstrates that the signal-to-noise ratio due to
jitter degrades significantly with frequency. At low input fre-
quencies, the measured SNR performance of the AD7864 is
indicative of noise performance due to quantization noise and
system noise only (72 dB used as a typical figure in this example).
Therefore, by measuring the overall SNR performance
(including noise due to jitter, system, and quantization) of the
AD7864, a good estimation of the jitter performance of the
AD7864 can be calculated.
FREQUENCY (Hz)
12
11
5
9
8
7
6
10
900k
950k
1.00M
1.05M
1.10M
Figure 22. ENOB of the AD7864 at 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com