Electronic Components Datasheet Search
  English  ▼

X  

AD7864 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7864
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7864 Datasheet HTML 15Page - Analog Devices AD7864 Datasheet HTML 16Page - Analog Devices AD7864 Datasheet HTML 17Page - Analog Devices AD7864 Datasheet HTML 18Page - Analog Devices AD7864 Datasheet HTML 19Page - Analog Devices AD7864 Datasheet HTML 20Page - Analog Devices AD7864 Datasheet HTML 21Page - Analog Devices AD7864 Datasheet HTML 22Page - Analog Devices AD7864 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AD7864
Rev. D | Page 18 of 28
STANDBY MODE OPERATION
The AD7864 has a standby mode whereby the device can be
placed in a low current consumption mode (5 μA typical). The
AD7864 is placed in standby by bringing the Logic Input STBY
low. The AD7864 can be powered up again for normal opera-
tion by bringing STBY logic high. The output data buffers remain
operational while the AD7864 is in standby. This means the user
can continue to access the conversion results while the AD7864
is in standby. This feature can be used to reduce the average power
consumption in a system using low throughput rates. To reduce
average power consumption, the AD7864 can be placed in standby
at the end of each conversion sequence, that is, when BUSY
goes low and is taken out of standby again prior to the start of
the next conversion sequence. The time it takes the AD7864 to
come out of standby is referred to as the wake-up time. The
wake-up time limits the maximum throughput rate at which the
AD7864 can be operated when powering down between conver-
sion sequences. The AD7864 wakes up in approximately 2 μs when
using an external reference. The wake-up time is also 2 μs when
the standby time is less than 1 ms while using the internal refer-
ence.
shows the wake-up time of the AD7864 for
standby times greater than 1 ms. Note that when the AD7864
is left in standby for periods of time greater than 1 ms, the part
requires more than 2 μs to wake up. For example, after initial
power-up using the internal reference, the AD7864 requires
6 ms to power up. The maximum throughput rate that can be
achieved when powering down between conversions is 1/(tBUSY +
2 μs) = 100 kSPS, approximately. When operating the AD7864 in a
standby mode between conversions, the power savings can be
significant. For example, with a throughput rate of 10 kSPS, the
AD7864 is powered down (IDD = 5 μA) for 90 μs out of every
100 μs (see
).
Figure 12
Figure 13
Therefore, the average power consumption drops to
125/10 mW or 12.5 mW approximately.
STANDBY TIME (Seconds)
1.0
0.9
0
10
0.0001
0.001
0.01
0.1
1
0.6
0.3
0.2
0.1
0.8
0.7
0.4
0.5
+105°C
+25°C
–40°C
Figure 12. Power-Up Time vs. Standby Time Using the On-Chip Reference
(Decoupled with 0.1 μF Capacitor)
ACCESSING THE OUTPUT DATA REGISTERS
There are four output data registers, one for each of the four
possible conversion results from a conversion sequence. The
result of the first conversion in a conversion sequence is placed
in Register 1, the second result is placed in Register 2, and so
forth. For example, if the conversion sequence VIN1, VIN3, and
VIN4 is selected (see the Selecting a Conversion Sequence section),
the results of the conversion on VIN1, VIN3, and VIN4 are placed in
Register 1 to Register 3, respectively. The output data register
pointer is reset to point to Register 1 at the end of the first con-
version in the sequence, immediately prior to EOC going low.
At this point, the logic output, FRSTDATA, goes logic high to
indicate that the output data register pointer is addressing Reg-
ister 1. When CS and RD are both logic low, the contents of the
addressed register are enabled onto the data bus (DB0 to DB11).
CONVST
BUSY
STBY
100µs
7µs
tBUSY
IDD = 20µA
tBUSY
2µs
tWAKE-UP
Figure 13. Power-Down Between Conversion Sequences



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com