Electronic Components Datasheet Search
  English  ▼

X  

TLV5734 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5734
Description  TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5734 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5734 Datasheet HTML 1Page - Texas Instruments TLV5734 Datasheet HTML 2Page - Texas Instruments TLV5734 Datasheet HTML 3Page - Texas Instruments TLV5734 Datasheet HTML 4Page - Texas Instruments TLV5734 Datasheet HTML 5Page - Texas Instruments TLV5734 Datasheet HTML 6Page - Texas Instruments TLV5734 Datasheet HTML 7Page - Texas Instruments TLV5734 Datasheet HTML 8Page - Texas Instruments TLV5734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TLV5734
TRIPLE 8BIT 30MSPS ADC WITH HIGH
PRECISION CLAMP FOR YUV/RGB VIDEO
SLES026A – APRIL 2002 – REVISED JANUARY 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
TYPE†
DESCRIPTION
NAME
NO.
I/O
TYPE†
DESCRIPTION
A AVCC
62
I
A
Analog supply (3.3 V) for ADC A
AD8–AD1
6–13
O
D
Data output of ADC A (MSB:AD8, LSB:AD1) (format 1, format 2, format 3)
AGND
45
I
A
Substrate ground
AIN
63
I
A
Analog input of ADC A. Used for G/Y
B AVCC
55
I
A
Analog supply (3.3 V) for ADC B
BD8–BD1
17–24
O
D
Data output of ADC B (MSB:BD8, LSB:BD1) (format 2)
Data output of ADC B, C (format 1, format 3)
BIN
56
I
A
Analog input of ADC B. Uses for B/U
C AVCC
50
I
A
Analog supply (3.3 V) for ADC C
CD8–CD1
36–43
O
D
Data output of ADC C (MSB:CD8, LSB:CD1) (format 2)
When MODE1 = L, MODE0 = L, CD8 outputs MSB flag of BD8–BD5 (format 1)
When MODE1 = L, MODE0 = L, CD7 outputs LSB flag of BD8–BD5 (format 1)
When MODE1 = H, MODE0 = L, CD8 outputs B channel flag of BD8–BD1 (format 3)
When MODE1 = H, MODE0 = L, CD7 outputs B channel flag of BD8–BD1 (CD8–CD1) (format 3)
CIN
51
I
A
Analog input of ADC C. Used for R/V
CLK
31
I
D
Clock input. The clock frequency is four times the frequency subcarrier (fsc) for most video
systems (see Table 3).
CLP OUT A
60
O
A
Clamp bias current of ADC A. A resistor-capacitor network sets the clamp settling time.
CLP OUT B
53
O
A
Clamp bias current of ADC B. A resistor-capacitor network sets the clamp settling time.
CLP OUT C
48
O
A
Clamp bias current of ADC C. A resistor-capacitor network sets the clamp settling time.
CLPV A
61
I
A
Clamp level of ADC A (see Table 1)
CLPV B
54
I
A
Clamp level of ADC B (see Table 1)
CLPV C
49
I
A
Clamp level of ADC C (see Table 1)
DGND
15
I
D
Digital ground for all logic
DVDD‡
26
I
D
Digital supply (3.3 V) for all logic. DVDD, QA DVDD, QB DVDD, and QC DVDD are tied together
internally.
EXTCLP
3
I
D
External clamp pulse input (active high)
GND A
64
I
A
Analog ground of ADC A
GND B
57
I
A
Analog ground of ADC B
GND C
52
I
A
Analog ground of ADC C
G/Y
33
I
D
Video input mode selector, low for RGB, high for YUV
INIT
30
I
D
Output initialized. The output data is synchronized with the first falling edge of CLK after INIT
changes from low to high (see Figure 1). INIT is a control terminal that allows the external system
to initialize the TLV5734 data conversion cycle.
MODE1,0
28,29
I
D
Output format mode selector (see Table 4)
NC
32
I
D
NC should be tied low when using this device.
OEB A
4
I
D
Output enable of ADC A (active low)
OEB B
27
I
D
Output enable of ADC B (active low)
OEB C
34
I
D
Output enable of ADC C (active low)
QA DGND
5
I
D
Digital ground for output driver of ADC A
QA DVDD‡
14
I
D
Digital supply (3.3 V) for output driver of ADC A. DVDD, QA DVDD, QB DVDD, and QC DVDD are
tied together internally.
QB DGND
25
I
D
Digital ground for output driver of ADC B
† A = analog pin, D = digital pin
‡ These pins should be driven from the same power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com