Electronic Components Datasheet Search
  English  ▼

X  

TLV5734 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5734
Description  TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5734 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5734 Datasheet HTML 1Page - Texas Instruments TLV5734 Datasheet HTML 2Page - Texas Instruments TLV5734 Datasheet HTML 3Page - Texas Instruments TLV5734 Datasheet HTML 4Page - Texas Instruments TLV5734 Datasheet HTML 5Page - Texas Instruments TLV5734 Datasheet HTML 6Page - Texas Instruments TLV5734 Datasheet HTML 7Page - Texas Instruments TLV5734 Datasheet HTML 8Page - Texas Instruments TLV5734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLV5734
TRIPLE 8BIT 30MSPS ADC WITH HIGH
PRECISION CLAMP FOR YUV/RGB VIDEO
SLES026A – APRIL 2002 – REVISED JANUARY 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
TYPE†
DESCRIPTION
NAME
NO.
I/O
TYPE†
DESCRIPTION
QB DVDD‡
16
I
D
Digital supply (3.3 V) for output driver of ADC B. DVDD, QA DVDD, QB DVDD, and QC DVDD are
tied together internally.
QC DGND
44
I
D
Digital ground for output driver of ADC C
QC DVDD‡
35
I
D
Digital supply (3.3 V) for output driver of ADC C. DVDD, QA DVDD, QB DVDD, and QC DVDD are
tied together internally.
RB A
2
I
A
Bottom reference voltage level for ADC A
RB B
58
I
A
Bottom reference voltage level for ADC B
RB C
46
I
A
Bottom reference voltage level for ADC C
RT A
1
I
A
Top reference voltage level for ADC A (nominal RT A – RB A = 1 V for video signals)
RT B
59
I
A
Top reference voltage level for ADC B (nominal RT B – RB B = 1 V)
RT C
47
I
A
Top reference voltage level for ADC C (nominal RT C – RB C = 1 V)
† A = analog pin, D = digital pin
‡ These pins should be driven from the same power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com