Electronic Components Datasheet Search
  English  ▼

X  

TLV5734 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV5734
Description  TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5734 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5734 Datasheet HTML 9Page - Texas Instruments TLV5734 Datasheet HTML 10Page - Texas Instruments TLV5734 Datasheet HTML 11Page - Texas Instruments TLV5734 Datasheet HTML 12Page - Texas Instruments TLV5734 Datasheet HTML 13Page - Texas Instruments TLV5734 Datasheet HTML 14Page - Texas Instruments TLV5734 Datasheet HTML 15Page - Texas Instruments TLV5734 Datasheet HTML 16Page - Texas Instruments TLV5734 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TLV5734
TRIPLE 8BIT 30MSPS ADC WITH HIGH
PRECISION CLAMP FOR YUV/RGB VIDEO
SLES026A – APRIL 2002 – REVISED JANUARY 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at VDD = VCC = 3.3 V, Vref(RT) = 2.0 V, Vref(RB) = 1.0 V, f(CLK) = 30 MHz,
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Clamp level accuracy
±0.5
±1
LSB
RREF
Reference resistance
Measured between RT and RB
450
Ω
CI
Analog input capacitance
5
pF
IIH
High-level digital input current
VIH = VDD + 0.3 V
10
µA
IIL
Low-level digital input current
VIL = 0 V
10
µA
VOH
High-level digital output voltage
VDD = 3 V to 3.6 V, IOH = –50 µA
VDD–0.7
V
VOL
Low-level digital output voltage
VDD = 3 V to 3.6 V, IOL = 50 µA
0.5
V
IOH(lkg)
High-level digital output leakage current
OEB A = OEB B = OEB C = HI, VOH = VDD
10
µA
IOL(lkg)
Low-level digital output leakage current
OEB A = OEB B = OEB C = HI, VOL = 0 V
10
µA
Supply current
fS = 30 MSPS, NTSC ramp wave input
73
82
91
mA
Power dissipation
fS = 30 MSPS, NTSC ramp wave input
240
270
300
mW
operating characteristics VDD = VCC = 3.3 V, Vref(RT) = 2.0 V, Vref(RB) = 1.0 V, f(CLK) = 30 MHz,
TA = –20°C to 75°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DNL
Differential nonlinearity
fS = 30 MSPS
±0.2
±0.5
LSB
INL
Integral nonlinearity
fS = 30 MSPS
±0.3 ±0.75
LSB
fS
Maximum conversion rate
30
MSPS
BW
Analog input bandwidth
At –3 dB, TA = 25°C
130
MHz
tpd
Digital output delay time
CL = 10 pF (by design)
18
ns
Zero-scale error
Vref = REFT – REFB = 1 V
–16
–2
15
mV
Full-scale error
Vref = REFT – REFB = 1 V
–13
2
17
mV
Sampling delay time
By design
4.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com