Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3 Datasheet(PDF) 45 Page - Texas Instruments

Part # TSB41BA3
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TSB41BA3 Datasheet HTML 41Page - Texas Instruments TSB41BA3 Datasheet HTML 42Page - Texas Instruments TSB41BA3 Datasheet HTML 43Page - Texas Instruments TSB41BA3 Datasheet HTML 44Page - Texas Instruments TSB41BA3 Datasheet HTML 45Page - Texas Instruments TSB41BA3 Datasheet HTML 46Page - Texas Instruments TSB41BA3 Datasheet HTML 47Page - Texas Instruments TSB41BA3 Datasheet HTML 48Page - Texas Instruments TSB41BA3 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION (1394a-2000 INTERFACE)
interface reset and disable (continued)
PCLK
(a)
(c)
(b)
CTL0, CTL1
D0 − D7
LREQ
LPS
TLPS_RESET
(d)
TLPS_DISABLE
Figure 20. Interface Disable
The sequence of events for disabling the PHY-LLC is as follows:
(a) Normal operation. Interface is operating normally, with LPS active, PCLK active, status and packet data
reception and transmission via the CTL and D lines, and request activity via the LREQ line.
(b) LPS deasserted. The LLC deasserts the LPS signal and, within 1.0
µs, terminates any request or interface
bus activity, places its CTL and D outputs into a high-impedance state, and drives its LREQ output low.
(c) Interface reset. After TLPS_RESET time, the PHY determines that LPS is inactive, terminates any interface
bus activity, and drives its CTL and D outputs low. The PHY-LLC interface is now in the reset state.
(d) Interface disabled. If the LPS signal remains inactive for TLPS_DISABLE time, then the PHY terminates PCLK
activity by driving the PCLK output low. The PHY-LLC interface is now in the disabled state.
After the interface has been reset, or reset and then disabled, the interface is initialized and restored to normal
operation when LPS is reasserted by the LLC. Figure 21 shows the timing for interface initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com