Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3 Datasheet(PDF) 8 Page - Texas Instruments

Part # TSB41BA3
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TSB41BA3 Datasheet HTML 4Page - Texas Instruments TSB41BA3 Datasheet HTML 5Page - Texas Instruments TSB41BA3 Datasheet HTML 6Page - Texas Instruments TSB41BA3 Datasheet HTML 7Page - Texas Instruments TSB41BA3 Datasheet HTML 8Page - Texas Instruments TSB41BA3 Datasheet HTML 9Page - Texas Instruments TSB41BA3 Datasheet HTML 10Page - Texas Instruments TSB41BA3 Datasheet HTML 11Page - Texas Instruments TSB41BA3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
LCLK_PMC
CMOS
7
I
Link clock. Link-provided 98.304-MHz clock signal to synchronize data transfers from link to the PHY.
On hardware reset this terminal is sampled to determine the power management control (PMC) mode.
LCLK_PMC
LPS
BMODE
Mode
H
L
H
No LLC (PMC mode)
n/c†
lps
L
Legacy LLC
LCLK_PMC‡
lps
H
Beta LLC
† internal pulldown on LCLK_PMC
‡ LCLK_PMC from LLC normally low during reset
In PMC mode, since no LLC is attached the data lines (D7−D0) are available to indicate power
states. In PMC mode the following signals are output:
− D0—port 0 cable-power disable (see Note 1)
− D1—port 1 cable-power disable (port in sleep or disabled)
− D2—port 2 cable-power disable (port in sleep or disabled)
− D6—All ports cable-power disable (all ports in sleep/disable) logical AND of bits 0−2
− D3−D5 and D7 are reserved for future use.
Note 1: The cable-power disable is asserted when the port is either:
− Hard-disabled (both the disabled and hard disabled bits are set)
− Sleep-disabled (both the disabled and sleep_enable bits are set)
− Disconnected
− Asleep
− Connected in DS mode, but nonactive (that is, suspended or disabled)
Otherwise, the cable-powered disable output is deasserted (that is, cable power enabled) when
the port is dc-connected or active. A bus holder is built into this terminal.
LPS
CMOS
80
I
Link power status input. This terminal monitors the active/power status of the link-layer controller
(LLC) and controls the state of the PHY-LLC interface. This terminal must be connected to either the
VDD supplying the LLC through an approximately 1-kΩ resistor or to a pulsed output which is active
when the LLC is powered. A pulsed signal must be used when an isolation barrier exists between the
LLC and PHY (see Figure 8).
The LPS input is considered inactive if it is sampled low by the PHY for more than a LPS_RESET time
(~2.6
µs), and is considered active otherwise (that is, asserted steady high or an oscillating signal with
a low time less than 2.6
µs). The LPS input must be high for at least 22 ns to be guaranteed to be
observed as high by the PHY.
When the TSB41BA3 detects that the LPS input is inactive, it places the PHY-LLC interface into a
low-power reset state. In the reset state, the CTL (CTL0 and CTL1) and D (D0 to D7) outputs are held
in the logic 0 state and the LREQ input is ignored; however, the PCLK output remains active. If the LPS
input remains low for more than a LPS_DISABLE time (~26
µs), then the PHY-LLC interface is put into
a low-power disabled state in which the PCLK output is also held inactive. The PHY-LLC interface is
placed into the disabled state upon hardware reset.
The LLC state that is communicated in the self-ID packet is considered active only if both the LPS input
is active and the LCtrl register bit is set to 1. The LLC state that is communicated in the self-ID packet is
considered inactive if either the LPS input is inactive or the LCtrl register bit is cleared to 0.
When the LPS terminal is returned to an active state after being sensed as having entered the
LPS_DISABLE time, the TSB41BA3 issues a bus reset. This broadcasts the node self-ID packet,
which contains the updated L bit state (the PHY LLC now being accessible).
LREQ
CMOS
3
I
LLC request input. The LLC uses this input to initiate a service request to the TSB41BA3. A bus holder
is built into this terminal.
PCLK
CMOS
5
O
PHY clock. Provides a 98.304-MHz clock signal, synchronized with data transfers, to the LLC when
the PHY-link interface is operating in the 1394b mode (BMODE asserted). PCLK output provides a
49.152-MHz clock signal, synchronized with data transfers, to the LLC when the PHY-link interface is
in legacy 1394a-2000 (BMODE input deasserted).
PD
CMOS
77
I
Power-down input. A high on this terminal turns off all internal circuitry. Asserting the PD input high
also activates an internal pulldown on the RESETz terminal to force a reset of the internal control logic.
PINT
CMOS
1
O
PHY Interrupt. The PHY uses this output to serially transfer status and interrupt information to the link
when PHY-link interface is in the 1394b mode. A bus holder is built into this terminal.
PLLGND
Supply
25,
28
−
PLL circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com