Electronic Components Datasheet Search
  English  ▼

X  

TSB41BA3 Datasheet(PDF) 29 Page - Texas Instruments

Part # TSB41BA3
Description  IEEE1394B THREE PORT CABLE TRANSCEIVER/ARBITER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TSB41BA3 Datasheet HTML 25Page - Texas Instruments TSB41BA3 Datasheet HTML 26Page - Texas Instruments TSB41BA3 Datasheet HTML 27Page - Texas Instruments TSB41BA3 Datasheet HTML 28Page - Texas Instruments TSB41BA3 Datasheet HTML 29Page - Texas Instruments TSB41BA3 Datasheet HTML 30Page - Texas Instruments TSB41BA3 Datasheet HTML 31Page - Texas Instruments TSB41BA3 Datasheet HTML 32Page - Texas Instruments TSB41BA3 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
TSB41BA3
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS155A − MAY 2003 − REVISED OCTOBER 2003
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power-up reset
To ensure proper operation of the TSB41BA3 the RESETz terminal must be asserted low for a minimum of 2 ms
from the time that PHY power reaches the minimum required supply voltage and the input clock to the PHY is
valid. When using a passive capacitor on the RESETz terminal to generate a power-on reset signal, the
minimum reset time is assured if the value of the capacitor satisfies the following equation (the value must be
no smaller than approximately 0.1
µF):
Cmin = 0.0077 * T + 0.085 + (external_oscillator_start−up_time * 0.05)
Where Cmin is the minimum capacitance on the RESETz terminal in µF, T is the VDD ramp time, 10%–90%, in
ms, external_oscillator_start−up_time is the time from power applied to the external oscillator until the oscillator
outputs a valid clock in ms. If a crystal is used rather than an oscillator, then the external_oscillator_start-up_time
may be set to 0.
For example with a 2−ms power ramp time and a 2-ms oscillator startup time:
Cmin = 0.0077 * 2 + 0.085 + (2 * 0.05) = 0.2 µF
It is appropriate to select the nearest standard value capacitor that exceeds this value, for example 0.22
µF.
Or with a 2-ms power ramp time and a 49.152-MHz fundamental crystal:
Cmin = 0.0077 * 2 + 0.085 + (0 * 0.05) = 0.1 µF
crystal oscillator selection
The TSB41BA3 and other TI PHY devices are designed to use an external 49.152-MHz crystal connected
between the XI and XO terminals to provide the reference for an internal oscillator circuit. This oscillator in turn
drives a PLL circuit that generates the various clocks required for transmission and resynchronization of data
at the S100 through S400 media data rates.
A variation of less than
±100 ppm from nominal for the media data rates is required by IEEE Std 1394. Adjacent
PHYs may therefore have a difference of up to 200 ppm from each other in their internal clocks, and PHYs must
be able to compensate for this difference over the maximum packet length. Larger clock variations may cause
resynchronization overflows or underflows, resulting in corrupted packet data or even PHY lockup.
For the TSB41BA3, the PCLK output may be used to measure the frequency accuracy and stability of the
internal oscillator and PLL from which it is derived. When operating the PHY-LLC interface with a non-1394b
LLC, the frequency of the PCLK output must be within
±100 ppm of the nominal frequency of 49.152 MHz. When
operating the PHY-LLC interface with a 1394b LLC, the frequency of the PCLK output must be within
±100 ppm
of the nominal frequency of 98.304 MHz.
The following are some typical specifications for crystals used with the physical layers from TI in order to achieve
the required frequency accuracy and stability:
D Crystal mode of operation: Fundamental
D Frequency tolerance at 25_C: Total frequency variation for the complete circuit is ±100 ppm. A crystal with
±30 ppm frequency tolerance is recommended for adequate margin.
D Frequency stability (over temperature and age): A crystal with ±30 ppm frequency stability is recommended
for adequate margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com