Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA317
Description  Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA317 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA317 Datasheet HTML 13Page - Texas Instruments INA317 Datasheet HTML 14Page - Texas Instruments INA317 Datasheet HTML 15Page - Texas Instruments INA317 Datasheet HTML 16Page - Texas Instruments INA317 Datasheet HTML 17Page - Texas Instruments INA317 Datasheet HTML 18Page - Texas Instruments INA317 Datasheet HTML 19Page - Texas Instruments INA317 Datasheet HTML 20Page - Texas Instruments INA317 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
INA317
47 k
47 k
INA317
10 k
Microphone,
Hydrophone,
and more
Thermocouple
INA317
Copyright © 2017, Texas Instruments Incorporated
17
INA317
www.ti.com
SBOS896 – NOVEMBER 2017
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 34. Providing an Input Common-Mode Current Path
8.2.2.6 Input Common-Mode Range
The linear input voltage range of the input circuitry of the INA317 device is from approximately 0.1 V below the
positive supply voltage to 0.1 V above the negative supply. As a differential input voltage causes the output
voltage to increase, however, the linear input range is limited by the output voltage swing of amplifiers A1 and A2.
The linear common-mode input range is related to the output voltage of the complete amplifier. This behavior
depends on supply voltage(see Figure 20 to Figure 23 in the Typical Characteristics section.)
Input overload conditions can produce an output voltage that appears normal. For example, if an input overload
condition drives both input amplifiers to the respective positive output swing limit, the difference voltage
measured by the output amplifier is near zero. The output of the INA317 is near 0 V even though both inputs are
overloaded.
8.2.2.7 Operating Voltage
The INA317 operates over a power-supply range of 1.8 V to 5.5 V (±0.9 V to ±2.75 V). Supply voltages higher
than 7 V (absolute maximum) can permanently damage the device. Parameters that vary over supply voltage or
temperature are shown in the Typical Characteristics section of this data sheet.
8.2.2.8 Low Voltage Operation
The INA317 device operates on power supplies as low as ±0.9 V. Most parameters vary only slightly throughout
this supply voltage range; see the Typical Characteristics section. Operation at very low supply voltage requires
careful attention to ensure that the input voltages remain within the linear range. Voltage swing requirements of
internal nodes limit the input common-mode range with low power supply voltage. Figure 20 to Figure 23 show
the range of linear operation for various supply voltages and gains.
8.2.2.9 Single-Supply Operation
The INA317 device can be used on single power supplies of 1.8 V to 5.5 V. Figure 35 shows a basic single-
supply circuit. The output REF pin is connected to midsupply. Zero differential input voltage demands an output
voltage of midsupply. Actual output voltage swing is limited to approximately 50 mV more than ground when the
load is referred to ground as shown. Figure 29 shows how the output voltage swing varies with output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com