Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA317
Description  Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA317 Datasheet(HTML) 1 Page - Texas Instruments

  INA317 Datasheet HTML 1Page - Texas Instruments INA317 Datasheet HTML 2Page - Texas Instruments INA317 Datasheet HTML 3Page - Texas Instruments INA317 Datasheet HTML 4Page - Texas Instruments INA317 Datasheet HTML 5Page - Texas Instruments INA317 Datasheet HTML 6Page - Texas Instruments INA317 Datasheet HTML 7Page - Texas Instruments INA317 Datasheet HTML 8Page - Texas Instruments INA317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
50
NŸ
150
NŸ
150
NŸ
A
1
A
3
V
OUT
V
IN-
6
REF
5
RFI Filtered Inputs
2
V+
7
V-
4
1
8
150
NŸ
150
NŸ
50
NŸ
A
2
V
IN+
RFI Filtered Inputs
3
INA317
R
G
G = 1 +
100
NŸ
R
G
RFI Filtered Inputs
RFI Filtered Inputs
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA317
SBOS896 – NOVEMBER 2017
INA317 Micro-Power (50-µA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
1
1 Features
1
•
Low Offset Voltage: 75 µV (Maximum), G
≥ 100
•
Low Drift: 0.3 µV/°C, G
≥ 100
•
Low Noise: 50 nV/
√Hz, G ≥ 100
•
High CMRR: 100 dB (Minimum), G
≥ 10
•
Low Input Bias Current: 200 pA (Maximum)
•
Supply Range: 1.8 V to 5.5 V
•
Input Voltage: (V–) 0.1 V to (V+) –0.1 V
•
Output Range: (V–) 0.05 V to (V+) –0.05 V
•
Low Quiescent Current: 50 µA
•
Operating Temperature: –40°C to +125°C
•
RFI Filtered Inputs
•
8-Pin VSSOP Package
2 Applications
•
Bridge Amplifiers
•
ECG Amplifiers
•
Pressure Sensors
•
Medical Instrumentation
•
Portable Instrumentation
•
Weigh Scales
•
Thermocouple Amplifiers
•
RTD Sensor Amplifiers
•
Data Acquisition
3 Description
The INA317 is a low-power, precision instrumentation
amplifier offering excellent accuracy. The versatile 3-
operational amplifier design, small size and low
power make the INA317 usable in a wide range of
portable applications.
A single external resistor sets any gain from 1 to
1000, as defined by the industry-standard gain
equation: G = 1 + (100 k
Ω / RG).
The instrumentation amplifier provides low offset
voltage (75 µV, G
≥ 100), excellent offset voltage drift
(0.3 µV/°C, G
≥ 100) and high common-mode
rejection (100 dB at G
≥ 10). The INA317 operates
with power supplies as low as 1.8 V (±0.9 V) and a
quiescent current of 50 µA, making the device usable
in battery-operated systems. Using autocalibration
techniques to ensure precision over the extended
industrial temperature range, the INA317 device
offers low noise density (50 nV/
√Hz) that extends
down to DC.
The INA317 is available in an 8-pin VSSOP surface-
mount package and is specified over the TA = –40°C
to +125°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA317
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - INA317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA317 TI2-INA317 Datasheet
694Kb / 33P
INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
NOVEMBER 2017
INA317IDGKR TI2-INA317IDGKR Datasheet
694Kb / 33P
INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
NOVEMBER 2017
INA317IDGKR.A TI2-INA317IDGKR.A Datasheet
694Kb / 33P
INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
NOVEMBER 2017
INA317IDGKT TI2-INA317IDGKT Datasheet
694Kb / 33P
INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
NOVEMBER 2017
INA317IDGKT.A TI2-INA317IDGKT.A Datasheet
694Kb / 33P
INA317 Micro-Power (50-μA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
NOVEMBER 2017
More results

Similar Description - INA317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_3 Datasheet
762Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_15 Datasheet
827Kb / 27P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com