Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA317
Description  Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA317 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA317 Datasheet HTML 9Page - Texas Instruments INA317 Datasheet HTML 10Page - Texas Instruments INA317 Datasheet HTML 11Page - Texas Instruments INA317 Datasheet HTML 12Page - Texas Instruments INA317 Datasheet HTML 13Page - Texas Instruments INA317 Datasheet HTML 14Page - Texas Instruments INA317 Datasheet HTML 15Page - Texas Instruments INA317 Datasheet HTML 16Page - Texas Instruments INA317 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
50
NŸ
150
NŸ
150
NŸ
A
1
A
3
V
OUT
V
IN-
6
REF
5
RFI Filtered Inputs
2
V+
7
V-
4
1
8
150
NŸ
150
NŸ
50
NŸ
A
2
V
IN+
RFI Filtered Inputs
3
INA317
R
G
G = 1 +
100
NŸ
R
G
RFI Filtered Inputs
RFI Filtered Inputs
Copyright © 2017, Texas Instruments Incorporated
13
INA317
www.ti.com
SBOS896 – NOVEMBER 2017
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA317 is a monolithic instrumentation amplifier (INA) based on the precision zero-drift OPA333 (operational
amplifier) core. The INA317 integrates laser-trimmed resistors to ensure excellent common-mode rejection and
low gain error. The combination of the zero-drift amplifier core and the precision resistors allows this device to
achieve outstanding DC precision and is designed for 3.3-V and 5-V industrial applications.
7.2 Functional Block Diagram
7.3 Feature Description
The INA317 is a low-power, zero-drift instrumentation amplifier that offers accuracy. The versatile three-
operational-amplifier design and small size makes the amplifier designed for a wide range of applications. Zero-
drift chopper circuitry provides DC specifications. A single external resistor sets any gain from 1 to 10,000. The
INA317 is laser trimmed for high common-mode rejection (100 dB at G
≥ 100). Typically, the INA317 operates
with power supplies as low as 1.8 V and quiescent current of 50 µA.
7.4 Device Functional Modes
7.4.1 Internal Offset Correction
INA317 internal operational amplifiers use an autocalibration technique with a time-continuous 350-kHz
operational amplifier in the signal path. The amplifier is zero-corrected every 8 µs using a proprietary technique.
Upon power up, the amplifier requires approximately 100 µs to achieve specified VOS accuracy. This design has
no aliasing or flicker noise.
7.4.2 Input Common-Mode Range
The linear input voltage range of the input circuitry of the INA317 is from approximately 0.1 V below the positive
supply voltage to 0.1 V above the negative supply. However, as a differential input voltage causes the output
voltage to increase, the output voltage swing of amplifiers A1 and A2 limits the linear input range. As a result, the
linear common-mode input range is related to the output voltage of the complete amplifier. This behavior
depends on supply voltage; see Figure 20.
Input overload conditions can produce an output voltage that appears normal. For example, if an input overload
condition drives the input amplifiers to the respective positive output swing limit, the difference voltage measured
by the output amplifier is approximately zero. The output of the INA317 is approximately 0 V even though the
inputs are overloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com