Electronic Components Datasheet Search
  English  ▼

X  

INA317 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA317
Description  Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA317 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA317 Datasheet HTML 6Page - Texas Instruments INA317 Datasheet HTML 7Page - Texas Instruments INA317 Datasheet HTML 8Page - Texas Instruments INA317 Datasheet HTML 9Page - Texas Instruments INA317 Datasheet HTML 10Page - Texas Instruments INA317 Datasheet HTML 11Page - Texas Instruments INA317 Datasheet HTML 12Page - Texas Instruments INA317 Datasheet HTML 13Page - Texas Instruments INA317 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Output Voltage (V)
0
0.2
0.4
0.5
0.8
1.0
1.8
1.2
1.4
1.6
160
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
Frequency(Hz)
1M
1
G=100
G=1000
G=10
G=1
5
4
3
2
1
0
0
1
2
3
4
Output Voltage (V)
5
0.9
0.7
0.5
0.3
0.1
-0.1
0.3
0.5
0.7
0.9
-
-
-
-
-0.9
-0.7
-0.5
-0.3
-0.1
0.1
Output Voltage (V)
0.9
0.3
0.5
0.7
160
140
120
100
80
60
40
20
0
10
100
1k
10k
Frequency(Hz)
100k
G=1
G=1000
G=100
G=10
2.5
-2.5 -2.0
-1.0
0
1.0
2.0
Output Voltage (V)
2.5
2.0
1.0
0
-1.0
-2.0
2.5
10
INA317
SBOS896 – NOVEMBER 2017
www.ti.com
Product Folder Links: INA317
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ, VREF = midsupply, and G = 1, (unless otherwise noted)
Figure 19. Common-Mode Rejection Ratio vs Frequency
VS = ±2.5 V
VREF = 0
All gains
Figure 20. Typical Common-Mode Range vs Output Voltage
VS = 5 V
VREF = 0
All gains
Figure 21. Typical Common-Mode Range vs Output Voltage
VS = ±0.9 V
VREF = 0
All gains
Figure 22. Typical Common-Mode Range vs Output Voltage
VS = 1.8 V
VREF = 0
Figure 23. Typical Common-Mode Range vs Output Voltage
Figure 24. Positive Power-Supply Rejection Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com