Electronic Components Datasheet Search
  English  ▼

X  

ATR4255P Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR4255P
Description  FM Double-conversion System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255P Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR4255P Datasheet HTML 3Page - ATMEL Corporation ATR4255P Datasheet HTML 4Page - ATMEL Corporation ATR4255P Datasheet HTML 5Page - ATMEL Corporation ATR4255P Datasheet HTML 6Page - ATMEL Corporation ATR4255P Datasheet HTML 7Page - ATMEL Corporation ATR4255P Datasheet HTML 8Page - ATMEL Corporation ATR4255P Datasheet HTML 9Page - ATMEL Corporation ATR4255P Datasheet HTML 10Page - ATMEL Corporation ATR4255P Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
4883B–AUDR–01/06
ATR4255P
3.5
AM RF-AGC
The AM RF-AGC controls the current into the AM pin diodes (pin 7) and the source drain voltage
of the MOSFET in the AM preamplifier stage (pin 6) to limit the level at the AM mixer inputs
(pin 3, pin 41). This threshold level can be set by bits 62 and 63 (Table 3-4). If the level at the
AM mixer input exceeds the selected threshold, the current into the AM pin diodes is increased.
If this step is not sufficient, the source drain voltage of the MOSFET is decreased. The time con-
stant of the AGC control loop can be adjusted by changing the value of the capacitor at pin 8.
3.6
FM 1st Mixer
In the 1
st FM mixer stage, the FM reception frequency is down converted to the 1st IF frequency.
The VCO frequency is used as LO frequency for the mixer.
3.7
AM 1st Mixer
The AM 1
st mixer is used for up-conversion of the AM reception frequency to the 1st IF fre-
quency. Therefore, an AM prescaler is implemented to generate the necessary LO frequency
from the VCO frequency. The divide factor of the AM prescaler can be selected as shown in
Table 3-5.
Table 3-3.
FM-AGC Threshold
FM-AGC Threshold
Bit 65
Bit 64
104 dBµV
0
0
101 dBµV
0
1
98 dBµV
1
0
92 dBµV
1
1
Table 3-4.
AM-AGC Threshold
AM-AGC Threshold
Bit 63
Bit 62
99 dBµV
0
0
102 dBµV
0
1
104 dBµV
1
0
105 dBµV
1
1
Table 3-5.
Divide Factor of the AM Prescaler
Divider AM Prescaler
Bit 93
Bit 92
Bit 84
Bit 83
Bit 82
Bit 81
Divide by 10
1
0
x
0
0
0
Divide by 6
1
0
x
0
0
1
Divide by 7
1
0
x
0
1
0
Divide by 8
1
0
x
1
0
0
Divide by 4
1
0
x
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com