Electronic Components Datasheet Search
  English  ▼

X  

ATR4255P Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATR4255P
Description  FM Double-conversion System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255P Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATR4255P Datasheet HTML 4Page - ATMEL Corporation ATR4255P Datasheet HTML 5Page - ATMEL Corporation ATR4255P Datasheet HTML 6Page - ATMEL Corporation ATR4255P Datasheet HTML 7Page - ATMEL Corporation ATR4255P Datasheet HTML 8Page - ATMEL Corporation ATR4255P Datasheet HTML 9Page - ATMEL Corporation ATR4255P Datasheet HTML 10Page - ATMEL Corporation ATR4255P Datasheet HTML 11Page - ATMEL Corporation ATR4255P Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
8
4883B–AUDR–01/06
ATR4255P
3.8
FM 1st IF Amplifier
A programmable gain amplifier is used in FM and WB mode between pin 38 and pin 30 to com-
pensate the loss in the external ceramic band filters. The gain of this amplifier is adjusted by
bits 89 to 91 (Table 3-6). The input and the output resistance is 330
Ω, and fits to external
ceramic filters.
Two different temperature coefficients (TC) of the FM IF amplifier can be selected by setting
bit 66 (Table 3-7).
3.9
AM 1st IF Amplifier
In AM mode, the gain of the 1st IF amplifier is controlled by the IF-AGC to extend the control
range of the IF-AGC.
3.10
2nd Mixer
The 2
nd mixer is used in AM, FM and WB mode. The mixer input has 330
Ω input resistance and
can be connected directly to an external ceramic filter.
In FM mode, the high output resistance of the second mixer is reduced to increase the band-
width of the tank at the mixer output. The output resistance can be selected by bits 60 and 61
(Table 3-8).
The LO frequency of the 2nd mixer (10.25 MHz) has to be applied at pin 22. This signal is usually
generated by the PLL circuit ATR4256.
Table 3-6.
Gain of the FM IF Amplifier
Gain FM IF
Bit 91
Bit 90
Bit 89
20 dB
0
0
0
22 dB
0
0
1
24 dB
0
1
0
26 dB
0
1
1
28 dB
1
0
0
29 dB
1
0
1
30 dB
1
1
0
31 dB
1
1
1
Table 3-7.
Temperature Coefficient Setting of FM IF Amplifier
Temperature Coefficient (TC) of the IF Amplifier
Bit 66
TKmin
0
TKmax
1
Table 3-8.
2
nd Mixer Output Resistance in FM Mode
Bit 61
Bit 60
Output Resistance (Bit 54 = 0)
Output Resistance (Bit 54 = 1)
0
0
3.3 k
Ω
~100 k
Ω
0
1
0.63 k
Ω
0.78 k
Ω
1
0
0.47 k
Ω
0.55 k
Ω
1
1
0.29 k
Ω
0.32 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com