Electronic Components Datasheet Search
  English  ▼

X  

ATR4255P Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATR4255P
Description  FM Double-conversion System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255P Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATR4255P Datasheet HTML 7Page - ATMEL Corporation ATR4255P Datasheet HTML 8Page - ATMEL Corporation ATR4255P Datasheet HTML 9Page - ATMEL Corporation ATR4255P Datasheet HTML 10Page - ATMEL Corporation ATR4255P Datasheet HTML 11Page - ATMEL Corporation ATR4255P Datasheet HTML 12Page - ATMEL Corporation ATR4255P Datasheet HTML 13Page - ATMEL Corporation ATR4255P Datasheet HTML 14Page - ATMEL Corporation ATR4255P Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
4883B–AUDR–01/06
ATR4255P
1
Table 3-13.
2
nd IF Center Frequency
IF Center
Bit 59
Bit 58
Bit 57
Bit 56
450.00 kHz
0
0
0
0
456.25 kHz
0
0
0
1
461.50 kHz
0
0
1
0
468.75 kHz
0
0
1
1
475.00 kHz
0
1
0
0
481.25 kHz
0
1
0
1
487.50 kHz
0
1
1
0
493.75 kHz
0
1
1
1
450.00 kHz
1
0
0
0
443.75 kHz
1
0
0
1
437.50 kHz
1
0
1
0
431.25 kHz
1
0
1
1
425.00 kHz
1
1
0
0
418.75 kHz
1
1
0
1
412.50 kHz
1
1
1
0
406.25 kHz
1
1
1
1
Table 3-14.
FM Band Filter Center Frequency Correction
IF Correction
Bit 17
Bit 16
Bit 15
Bit 14
–0 kHz
0
0
0
0
–6.25 kHz
0
0
0
1
–12.50 kHz
0
0
1
0
–18.75 kHz
0
0
1
1
–25.00 kHz
0
1
0
0
–31.25 kHz
0
1
0
1
–37.50 kHz
0
1
1
0
–43.75 kHz
0
1
1
1
+0 kHz (default)
1
0
0
0
+6.25 kHz
1
0
0
1
+12.50 kHz
1
0
1
0
+18.75 kHz
1
0
1
1
+25.00 kHz
1
1
0
0
+31.25 kHz
1
1
0
1
+37.50 kHz
1
1
1
0
+43.75 kHz
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com