Electronic Components Datasheet Search
  English  ▼

X  

ATR4255P Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATR4255P
Description  FM Double-conversion System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255P Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATR4255P Datasheet HTML 25Page - ATMEL Corporation ATR4255P Datasheet HTML 26Page - ATMEL Corporation ATR4255P Datasheet HTML 27Page - ATMEL Corporation ATR4255P Datasheet HTML 28Page - ATMEL Corporation ATR4255P Datasheet HTML 29Page - ATMEL Corporation ATR4255P Datasheet HTML 30Page - ATMEL Corporation ATR4255P Datasheet HTML 31Page - ATMEL Corporation ATR4255P Datasheet HTML 32Page - ATMEL Corporation ATR4255P Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
29
4883B–AUDR–01/06
ATR4255P
Figure 8-3.
Multipath Sensor Frequency Response
Note:
Generator level 40 dBµV.
Figure 8-4.
Deviation Sensor
Note:
FM modulation frequency: 1 kHz; BW setting 2nd IF filter = 120 kHz.
Figure 8-5.
Deviation Sensor Frequency Response
Note:
FM frequency deviation: 22.5 kHz.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100
1000
10000
100000
AM Modulation Frequency (Hz)
90% at +85˚C
90% at +25˚C
90% at -40˚C
60% at +85˚C
60% at +25˚C
60% at -40˚C
0
1
2
3
4
5
0
20000
40000
60000
80000
100000
Frequency Deviation (Hz)
+85˚C
-40˚C
0.0
0.5
1.0
100
1000
10000
100000
FM Modulation Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com