Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1643
Description  RGB LED Driver Demonstration Board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 7Page - Microchip Technology MCP1643 Datasheet HTML 8Page - Microchip Technology MCP1643 Datasheet HTML 9Page - Microchip Technology MCP1643 Datasheet HTML 10Page - Microchip Technology MCP1643 Datasheet HTML 11Page - Microchip Technology MCP1643 Datasheet HTML 12Page - Microchip Technology MCP1643 Datasheet HTML 13Page - Microchip Technology MCP1643 Datasheet HTML 14Page - Microchip Technology MCP1643 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MCP1643 RGB LED DRIVER
DEMONSTRATION BOARD
USER’S GUIDE
 2016 Microchip Technology Inc.
DS50002437A-page 11
Chapter 1. Product Overview
1.1
INTRODUCTION
The MCP1643 is a compact, high-efficiency, fixed frequency, step-up DC-DC converter
optimized as an LED constant current generator. The device provides an easy-to-use
power supply solution, with a minimum number of external components for applications
powered by one-cell, two-cell Alkaline, NiCd or NiMH batteries.
This chapter provides an overview of the MCP1643 RGB LED Driver Demonstration
Board and covers the following topics:
• MCP1643 Device Overview
• MCP1643 Device Key Features
• MCP1643 RGB LED Driver Demonstration Board Overview
• MCP1643 RGB LED Driver Demonstration Board Features
• What the MCP1643 RGB LED Driver Demonstration Board Kit Includes
1.2
MCP1643 DEVICE OVERVIEW
The MCP1643 is a PWM-only device that operates at a fixed 1 MHz switching
frequency. The device has an operating input voltage range from 0.5V to 5V
(VIN <VLED), with a 0.65V start-up voltage.
For applications that require dimming, the LED can be turned on and off with a
variable duty cycle applied to the EN pin. The maximum dimming frequency is only
limited by the internal soft-start of 240 μs. The device is available in 8-lead MSOP and
8-lead 2x3 mm DFN packages.
1.3
MCP1643 DEVICE KEY FEATURES
• 1.8A typical peak input current limit
• Up to 550 mA LED load current
• Low start-up voltage: 0.65V (typical, 25 mA LED current, for VIN >2.2V)
• Low operating input voltage: down to 0.5V
• Maximum input voltage <V
LED<5.0V
• Maximum output voltage: 5V
• Overvoltage protection (5V)
• Low reference voltage:
-VFB = 120 mV
- Minimal power loss on sense resistor
• Pulse-Width Modulation mode operation (1 MHz)
• Internal synchronous rectifier
• Internal compensation
• Inrush current limiting
• Internal soft start (240 μs typical)
• Shutdown (EN=GND):
- True load disconnect
- Dimming control by variable duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com