Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1643
Description  RGB LED Driver Demonstration Board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 8Page - Microchip Technology MCP1643 Datasheet HTML 9Page - Microchip Technology MCP1643 Datasheet HTML 10Page - Microchip Technology MCP1643 Datasheet HTML 11Page - Microchip Technology MCP1643 Datasheet HTML 12Page - Microchip Technology MCP1643 Datasheet HTML 13Page - Microchip Technology MCP1643 Datasheet HTML 14Page - Microchip Technology MCP1643 Datasheet HTML 15Page - Microchip Technology MCP1643 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCP1643 RGB LED Driver Demonstration Board User’s Guide
DS50002437A-page 12
 2016 Microchip Technology Inc.
• Shutdown current: 1.2 μA (typical)
• Overtemperature protection (+150°C, with +25°C hysteresis)
• Packages: 8-lead MSOP and 8-lead 2x3 mm DFN
Figure 1-1 illustrates the typical application with one battery.
FIGURE 1-1:
Typical MCP1643 Boost Converter Single Cell Battery Input.
1.4
MCP1643 RGB LED DRIVER DEMONSTRATION BOARD OVERVIEW
The MCP1643 RGB LED Driver Demonstration Board is used to demonstrate
Microchip Technology’s MCP1643 device in a boost converter application supplied by
one AA battery, or from an external voltage source, which drives each color of the RGB
LED separately at a constant current of 350 mA. A PIC® microcontroller drives each
color of the RGB LED at a frequency of 70 Hz. The MCP1643 RGB LED Driver
Demonstration Board was developed to help engineers reduce product design cycle
time.
The intensity of each color of the LED can be adjusted using individual potentiometers
for each color. The RGB LED is driven by a microcontroller with 3 PWM signals, and
by modifying the duty cycle of each signal, the brightness of each color can be altered.
The MCP1643 RGB LED Driver Demonstration Board is controlled using two buttons:
• Start: to enable the MCP1643 and start the microcontroller
• Stop/Demo: to stop or run a demonstration program
When disabled, the MCP1643 disconnects the path from input to output for
true-disconnect. In this state, the current consumed from the battery is typical 1.2 µA.
FIGURE 1-2:
MCP1643 RGB LED Driver Demonstration Board Block Diagram.
VIN
GND
VFB
COUT
4.7 µF
CIN
4.7 to10 µF
L1
4.7 µH
SW
LED
4.7
EN
VOUT
+
-
ON
OFF
MCP1643
ILED = 25 mA
ILED =
0.12V
RSET
RSET
Power source
1x AA battery
MCP1643
LED driver
RGB
LED
User
input
Controller
Capacitor
PIC16F1455



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com