Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1643
Description  RGB LED Driver Demonstration Board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 13Page - Microchip Technology MCP1643 Datasheet HTML 14Page - Microchip Technology MCP1643 Datasheet HTML 15Page - Microchip Technology MCP1643 Datasheet HTML 16Page - Microchip Technology MCP1643 Datasheet HTML 17Page - Microchip Technology MCP1643 Datasheet HTML 18Page - Microchip Technology MCP1643 Datasheet HTML 19Page - Microchip Technology MCP1643 Datasheet HTML 20Page - Microchip Technology MCP1643 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Installation and Operation
 2016 Microchip Technology Inc.
DS50002437A-page 17
2.3.1
How does the MCP1643 RGB LED Driver Demonstration Board
Work?
When the Start button is pressed, the MCP1643 RGB LED Driver Demonstration
Board receives an EN pulse and the device starts switching. When the output voltage
rises above 2.3V, the microcontroller starts, enables the MCP1643 and controls the
RGB LED in order to power each color independently (see Figure 2-4). The amount of
time each LED is ON is set by the user through the three potentiometers.
FIGURE 2-4:
RGB LED Enable Signals and LED Current.
An idle time is necessary between each color to ensure that the output voltage of the
MCP1643 is below the LED voltage, otherwise the LED can be damaged by a current
spike caused by the output capacitor discharge. The idle time can be optimized for
different LED voltage differences to increase performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com