Electronic Components Datasheet Search
  English  ▼

X  

MCP1643 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1643
Description  RGB LED Driver Demonstration Board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1643 Datasheet HTML 12Page - Microchip Technology MCP1643 Datasheet HTML 13Page - Microchip Technology MCP1643 Datasheet HTML 14Page - Microchip Technology MCP1643 Datasheet HTML 15Page - Microchip Technology MCP1643 Datasheet HTML 16Page - Microchip Technology MCP1643 Datasheet HTML 17Page - Microchip Technology MCP1643 Datasheet HTML 18Page - Microchip Technology MCP1643 Datasheet HTML 19Page - Microchip Technology MCP1643 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MCP1643 RGB LED Driver Demonstration Board User’s Guide
DS50002437A-page 16
 2016 Microchip Technology Inc.
2.2
GETTING STARTED
The MCP1643 RGB LED Driver Demonstration Board is fully assembled and tested to
evaluate and demonstrate the MCP1643 product operating with an external PWM
signal. This board requires the use of an external power supply or a AA battery.
The package selected for the MCP1643 is the MSOP-8.
2.2.1
Powering the MCP1643 RGB LED Driver Demonstration Board
Soldered test points are available for input voltage connections. The maximum input
voltage should not exceed 2V due to the forward voltage of the LED’s red color of 2.1V.
The forward voltage for the blue and green colors is 3.5V.
After connecting an external power supply or an AA battery, the board enters the
Shutdown mode and only consumes 1.2 µA of current. To start the board, press the
Start
push-button. The second push-button has two functions: a short press shuts
down the board, while a long press of more then 0.5 sec puts the board in a temporal
demonstration state.
2.3
BOARD TESTING
Follow these steps to test the board functionalities:
1. Connect the input supply as shown in Figure 2-3,or connect a AA battery in the
battery slot on the back of the board. Please observe the polarity to avoid board
damage.
2. Press the Start push-button to enable the converter. The board will run a start-up
demonstration program with all colors at low brightness, after which the user will
be able to control the brightness. It is recommended to avoid looking directly into
the LED, to prevent eye damage.
3. Change each color brightness by using the three potentiometers marked Red,
Green and Blue, corresponding to each color of the RGB LED.
4. To run the demonstration program, press the Stop/Demo push-button for 0.5s.
5. To stop the MCP1643 RGB LED Driver Demonstration Board, short-press the
Stop/Demo
button.
6. Additional test points are available to visualize different signals (FB, output
current, EN, SW).
FIGURE 2-3:
MCP1643 RGB LED Driver Demonstration Board Power Supplies.
A 0Ω (R7) resistor is used for bench testing. By removing R7, the soldered test points
can be used to create a wire loop and visualize the current through the LED by using
an oscilloscope current probe.
Power supply
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com