Electronic Components Datasheet Search
  English  ▼

X  

TS19340CS14 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19340CS14
Description  Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19340CS14 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19340CS14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS19340CS14
Taiwan Semiconductor
2
Version: B1705
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
(Note 1)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
40
V
PHO Voltage to GND
VPHO
-0.3 to 40
V
SWO Voltage to GND
VSWO
-0.3 to 40
V
FB Voltage to GND
VFB
-0.3 to 5.5
V
VSEN Voltage to GND
VVSEN
-0.3 to 5.5
V
COM Voltage to GND
VCOM
-0.3 to 5.5
V
CCH Voltage to GND
VCCH
-0.3 to 5.5
V
CCL Voltage to GND
VCCL
-0.3 to 5.5
V
CCO Voltage to GND
VCCO
-0.3 to 5.5
V
PWM Voltage to GND
VPWMB
-0.3 to 5.5
V
Junction Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature (Soldering 10 sec)
TLEAD
260
°C
Power Dissipation @ TA=25 °C
PD
0.833
W
ESD Rating (Human Body Mode)
(Note 2)
HBM
2
kV
THERMAL PERFORMANCE
(Note 3)
PARAMETER
SYMBOL
LIMIT
UNIT
Thermal Resistance Junction to Ambient
RθJA
120
°C/W
RECOMMENDED OPERATING CONDITION (TA = 25°C unless otherwise specified)
(Note 4)
PARAMETER
SYMBOL
LIMIT
UNIT
Power Supply Pin
VCC
38
V
PHO Voltage to GND
VPHO
-0.3 to 38
V
SWO Voltage to GND
VSWO
-0.3 to 38
V
FB Voltage to GND
VFB
-0.3 to 5
V
VSEN Voltage to GND
VVSEN
-0.3 to 5
V
COM Voltage to GND
VCOM
-0.3 to 5
V
CCH Voltage to GND
VCCH
-0.3 to 5
V
CCL Voltage to GND
VCCL
-0.3 to 5
V
CCO Voltage to GND
VCCO
-0.3 to 5
V
PWM Voltage to GND
VPWM
-0.3 to 5
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Operating Ambient Temperature Range
TOPA
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com