Electronic Components Datasheet Search
  English  ▼

X  

TS19340CS14 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS19340CS14
Description  Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19340CS14 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19340CS14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS19340CS14
Taiwan Semiconductor
3
Version: B1705
ELECTRICAL SPECIFICATIONS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Supply Voltage
Turn-on Voltage
VCC_ON
11.2
12.0
12.8
V
Turn-off Voltage
VCC_OFF
7.1
7.6
8.1
V
Quiescent Current
IQ
VCC=10V
--
22
--
μA
Operation Supply Current
ICC
VCC=20V
--
400
--
μA
3.3V Voltage reference
VDREF
IO=5mA
3.2
3.3
3.4
V
VCC Over Voltage Protection
VCC_OVP
--
35
--
V
CCH Over Voltage Protection
VCCH_OVP
--
4.2
--
V
GM Amplifier
Voltage reference1
CVH
2.4
2.53
2.66
V
Voltage reference2
CVL
1.15
1.21
1.27
V
Voltage reference3
CCV
196
200
204
mV
Driver
Dropout Voltage (PHO)
VOLPHO
IO = 20mA
--
0.55
--
V
Dropout Voltage (SWO)
VOLSWO
IO = 20mA
--
0.48
--
V
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
2.
Devices are ESD sensitive. Handing precaution recommended.
3.
Thermal Resistance is specified with the component mounted on a test board with low effective thermal conductivity in free
air at TA=25°C.
4.
The device is not guaranteed to function outside its operating conditions.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TS19340CS14 RLG
SOP-14
2,500pcs / 13”Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com