Electronic Components Datasheet Search
  English  ▼

X  

TS19340CS14 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS19340CS14
Description  Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19340CS14 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19340CS14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS19340CS14
Taiwan Semiconductor
6
Version: B1705
APPLICATION INFORMATION
Function Description
The TS19340 is a secondary-side CC/CV shunt regulator for LED lighting dimming application. It has a built-in 3.3V
low drop-out voltage (VD pin) for external dimming control. The LED current setting level for PWM and linear
functions can be adjusted by the CCH (maximum), CCL (minimum), and CCO (cut-off) pins. When LED current is
cut-off, the IC will change the CV reference voltage (2.53V
1.21V) and the SWO will be pulled low.
Figure 5: LED Current Ratio vs. PWM Duty Ratio
Figure 6: LED Current Ratio vs. Linear Dimming Voltage
Pin Detail
Pin 1: VD
The IC has built-in 3.3V LDO for setting the dimming function and external MCU.
Pin 2 : CCH
The CCH pin is for the constant current high limit function. The pin function is shown in Figure 5 and Figure 6. The
functional working voltage range is from 3.2V to 0V. The pin connects to internal 5V reference voltage or high
voltage level when the function is not used.
The LED high limit current is shown as follows:
)
( A
R
16
V
I
S
CCH
Limit)
LED(High
×
=
Pin 3: CCL
The CCL pin is for the constant current low limit function. The pin function is shown in Figure 5 and Figure 6. The
functional working voltage range is from 3.2V to 0V. The pin connects to ground when the function is not used.
The LED low limit current is shown as follows:
)
( A
R
16
V
I
S
CCL
Limit)
LED(Low
×
=
Pin 4: CCO (PWM / Linear)
The CCO pin is for the LED current cut-off function. The pin function is shown in Figure 5 and Figure 6. The
functional working voltage range is from 3.2V to 0V. The pin pulls to ground when the function is not used.
The LED cut-off current is shown as a formula following:
)
( A
R
16
V
I
S
CCO
Off)
LED(Cut
×
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com