Electronic Components Datasheet Search
  English  ▼

X  

TS19340CS14 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19340CS14
Description  Secondary-Side Constant Current and Constant Voltage Controller with PWM / Linear Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19340CS14 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19340CS14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19340CS14 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS19340CS14
Taiwan Semiconductor
4
Version: B1705
FUNCTION BLOCK
BG
LDO
VD
VSEN
CCV
(200mV)
FB
CVV
(2.5/1.2)
CCL
CCH
Bias
VCC
PHO
GND
Dim
CCO
PWM
COM
SWO
PIN DESCRIPTION
PIN NO.
NAME
FUNCTION
1
VD
3.3V low drop out voltage
2
CCH
Constant current high limit voltage
3
CCL
Constant current low limit voltage
4
CCO
LED current cut-off voltage
5
PWM
PWM input pin
6
N/C
No connection
7
GND
Ground
8
COM
PWM pulse filter pin
9
SWO
Open drain output of the comparator for LED current cut-off function
10
N/C
No connection
11
PHO
Open drain output of the two internal operational amplifier for photo coupler
12
VSEN
Current sense pin
13
FB
Voltage sense pin
14
VCC
Power supply pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com